| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0732513830
|
49Kb / 1P |
50 Ohms, SMA Plug, Straight, Semi-Rigid .047 Cable, Body Stainless Steel
|
|
0732513830
|
40Kb / 1P |
50 Ohms, SMA Plug, Straight, Semi-Rigid .047 Cable, Body Stainless Steel, Gold Plated
|
 Amphenol Corporation |
2911-40023
|
260Kb / 1P |
SMA PLUG (NON-MAGNETIC) FOR .047 FLEX CABLE
|
|
7029-2555-2557
|
75Kb / 1P |
SMA MALE TO SMA MALE FOR .047 CABLE ASSEMBLY
|
 Amphenol SV Microwave |
7029-3820
|
87Kb / 1P |
SMA MALE TO SMA MALE 3" CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/20/22 |
|
2911-61016
|
89Kb / 1P |
SMA EF MALE FOR Ø.047 CABLE
03/22 |
|
2911-40023
|
260Kb / 1P |
SMA PLUG (NON-MAGNETIC) FOR .047 FLEX CABLE
REV.01 10/19 |
 Times Microwave Systems... |
3190-6876
|
281Kb / 1P |
2.4 mm Male (Plug) Straight Non-Solder Pin Stainless Steel Connector for PT-047 Cable
Rev. B |
|
3190-6877
|
280Kb / 1P |
K (2.92 mm) Male (Plug) Straight Non-Solder Pin Stainless Steel Connector for PT-047 Cable
Rev. B |
|
3190-6879
|
36Kb / 1P |
SMP Female (Plug) Straight Non-Solder Pin Direct Solder Connector for PT-047 Cable
Rev. A |