Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SJ-370 Datasheet (PDF) - Nel Frequency Controls,inc

SJ-370 Datasheet PDF - Nel Frequency Controls,inc
Part # SJ-370
Download  SJ-370 Download
File Size   258.6 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SJ-370 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ-370 Datasheet PDF - Nel Frequency Controls,inc

Part # SJ-370
Download  SJ-370 Click to download

File Size   258.6 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SJ-370 Datasheet (HTML) - Nel Frequency Controls,inc


SJ-370 Product details

Description
The SJ-370 Series of quartz crystal oscillators are designed to survive standard wave soldering operations without damage.

Features
 • Wide frequency range–2.25MHz to 80.0MHz
 • User specified tolerance available
 • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
 • Space-saving alternative to discrete component oscillators
 • High shock resistance, to 3000g
 • Metal lid electrically connected to ground to reduce EMI
 • Low Jitter
 • TTL compatible (HCT) at specified supply voltage
 • High Q Crystal actively tuned oscillator circuit
 • Low power consumption
 • Power supply decoupling internal
 • No internal PLL avoids cascading PLL problems
 • High frequencies due to proprietary design
 • Gold plated leads




Similar Part No. - SJ-370

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-370 NEL-SJ-370_10 Datasheet
100Kb / 3P
of quartz crystal oscillators are designed to survive standard wave soldering operations
More results


Similar Description - SJ-370

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com