Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OMNI-221M Datasheet (PDF) - AAEON Technology

OMNI-221M Datasheet PDF - AAEON Technology
Part # OMNI-221M
Download  OMNI-221M Download
File Size   445.57 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 21.5” Touch Display Monitor, DC 12~30V

OMNI-221M Datasheet (PDF)

Go To PDF Page Download Datasheet
OMNI-221M Datasheet PDF - AAEON Technology

Part # OMNI-221M
Download  OMNI-221M Click to download

File Size   445.57 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 21.5” Touch Display Monitor, DC 12~30V

OMNI-221M Datasheet (HTML) - AAEON Technology


OMNI-221M Product details

Features
■ 21.5” FHD (1920 x 1080) TFT LCD Display
■ Provide Projective Capacitive Touch or Resistive Touch Screen
■ IP65 Aluminum Front Bezel
■ DC 12~30V with Over Voltage/Current, Under Voltage Protection
■ Optional Built-in Speakers




Similar Part No. - OMNI-221M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OMNI-2215-SKU AAEON-OMNI-2215-SKU Datasheet
791Kb / 2P
21.5” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/C-3955U Processor
2022/11/04
OMNI-2215HTT-A1-1010 AAEON-OMNI-2215HTT-A1-1010 Datasheet
194Kb / 2P
2-point Multi-touch
OMNI-2215HTT-A2-1010 AAEON-OMNI-2215HTT-A2-1010 Datasheet
194Kb / 2P
2-point Multi-touch
OMNI-2215HTT-A3-1010 AAEON-OMNI-2215HTT-A3-1010 Datasheet
194Kb / 2P
2-point Multi-touch
OMNI-2215HTT-A4-1010 AAEON-OMNI-2215HTT-A4-1010 Datasheet
194Kb / 2P
2-point Multi-touch
More results


Similar Description - OMNI-221M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACD-521D AAEON-ACD-521D Datasheet
373Kb / 2P
21.5??Full HD Infotainment Multi-Touch Display
logo
DFI Inc
IDP215-MS DFI-IDP215-MS Datasheet
151Kb / 2P
21.5" Industrial Touch Monitor
logo
Advantech Co., Ltd.
VUE-3215 ADVANTECH-VUE-3215 Datasheet
266Kb / 2P
21.5 Medical Touch Monitor
10-Jun-2022
logo
AAEON Technology
OMNI-215M AAEON-OMNI-215M Datasheet
363Kb / 2P
15.6” Touch Display Monitor, DC 12~30V
OMNI-310M AAEON-OMNI-310M Datasheet
381Kb / 2P
10.4” Touch Display Monitor, DC 12~30V
OMNI-312M AAEON-OMNI-312M Datasheet
397Kb / 2P
12.1” Touch Display Monitor, DC 12~30V
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
15” Touch Display Monitor, DC 12~30V
OMNI-317M AAEON-OMNI-317M Datasheet
412Kb / 2P
17” Touch Display Monitor, DC 12~30V
OMNI-319M AAEON-OMNI-319M Datasheet
501Kb / 2P
19” Touch Display Monitor, DC 12~30V
OMNI-ADB-KIT AAEON-OMNI-ADB-KIT Datasheet
290Kb / 2P
Display BOX Kit, DC 12~30V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com