Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT82V2048L Datasheet (PDF) - Renesas Technology Corp

IDT82V2048L Datasheet PDF - Renesas Technology Corp
Part # IDT82V2048L
Download  IDT82V2048L Download
File Size   753.23 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OCTAL T1/E1 SHORT HAUL ANALOG FRONT END

IDT82V2048L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82V2048L Datasheet PDF - Renesas Technology Corp

Part # IDT82V2048L
Download  IDT82V2048L Click to download

File Size   753.23 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OCTAL T1/E1 SHORT HAUL ANALOG FRONT END

IDT82V2048L Datasheet (HTML) - Renesas Technology Corp


IDT82V2048L Product details

FEATURES
! Octal T1/E1 short haul analog front end which supports 100 Ω
T1 twisted pair, 120 Ω E1 twisted pair and 75 Ω E1 coaxial
applications
! Built-in transmit pre-equalization meets G.703 & T1.102
! Digital/Analog LOS detector meets ITU G.775, ETS 300 233 and
T1.231
! ITU G.772 non-intrusive monitoring for in-service testing for
any one of channel 1 to channel 7
! Low impedance transmit drivers with high-Z
! Selectable hardware and parallel/serial host interface




Similar Part No. - IDT82V2048L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2048L IDT-IDT82V2048L Datasheet
925Kb / 48P
OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
IDT82V2048LBB IDT-IDT82V2048LBB Datasheet
925Kb / 48P
OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
IDT82V2048LBBG IDT-IDT82V2048LBBG Datasheet
925Kb / 48P
OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
IDT82V2048LDA IDT-IDT82V2048LDA Datasheet
925Kb / 48P
OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
IDT82V2048LDAG IDT-IDT82V2048LDAG Datasheet
925Kb / 48P
OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
More results


Similar Description - IDT82V2048L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
Octal T1/E1/J1 Long Haul Short Haul Transceiver
logo
PMC-Sierra, Inc
PM4319 PMC-PM4319 Datasheet
57Kb / 2P
OCTAL T1/E1/J1 Short Haul Line Interface Device
logo
Integrated Device Techn...
IDT82V2048L IDT-IDT82V2048L Datasheet
925Kb / 48P
OCTAL T1/E1 SHORT HAUL ANALOG FRONT END
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P2288 RENESAS-IDT82P2288 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
JANUARY 10, 2011
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com