Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AUP1G04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G04
Download  74AUP1G04 Download
File Size   294.3 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power inverter

74AUP1G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G04
Download  74AUP1G04 Click to download

File Size   294.3 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power inverter

74AUP1G04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G04 Product details

1. General description
The 74AUP1G04 is a single inverter.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 Class 3A exceeds 5000 V
• CDM: ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
• MM: JESD22-A115-A exceeds 200 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
Low-power inverter
Rev. 02-28 June 2006
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
Low power single inverter gate
28-Mar-2008
logo
NXP Semiconductors
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
Low-power inverter
Rev. 03-5 November 2009
logo
Diodes Incorporated
74AUP1G04 DIODES-74AUP1G04 Datasheet
170Kb / 11P
SINGLE INVERTER GATE
Rev 1
logo
TECH PUBLIC Electronics...
74AUP1G04 TECHPUBLIC-74AUP1G04 Datasheet
4Mb / 9P
SINGLE INVERTER GATE
More results


Similar Description - 74AUP1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
Low-power dual inverter
Rev. 01.-16 January 2006
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
Low-power inverter
Rev. 02-28 June 2006
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
Low-power inverter
Rev. 03-5 November 2009
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
Low-power dual inverter
Rev. 02-7 July 2009
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
Low-power inverter
Rev. 7-27 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
Low-power dual inverter
Rev. 5-5 March 2012
74AXP1G04 PHILIPS-74AXP1G04_15 Datasheet
189Kb / 17P
Low-power inverter
Rev. 1-25 August 2014
logo
Nexperia B.V. All right...
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
Low-power inverter
74AXP1G04 NEXPERIA-74AXP1G04 Datasheet
796Kb / 17P
Low-power inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com