Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM05T1G-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SM05T1G-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SM05T1G-TP
Download  SM05T1G-TP Download
File Size   977.34 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description TVS Diode Array

SM05T1G-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
SM05T1G-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SM05T1G-TP
Download  SM05T1G-TP Click to download

File Size   977.34 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description TVS Diode Array

SM05T1G-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SM05T1G-TP Product details

Features
Transient protection for high speed data lines to
IEC 61000-4-2 (ESD) + 30kV (air), + 30KV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Working voltages : 5V
Protects one bidirectional line or two unidirectional lines
Low operating and clamping voltages
Solid-state silicon avalanche technology




Similar Part No. - SM05T1G-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SM05T1G ONSEMI-SM05T1G Datasheet
109Kb / 5P
Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
SM05T1G ONSEMI-SM05T1G Datasheet
96Kb / 5P
Transient Voltage Suppressor Diode Array
October, 2016 ??Rev. 7
logo
Guangdong Youtai Semico...
SM05T1G UMW-SM05T1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SM05T1G UMW-SM05T1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
More results


Similar Description - SM05T1G-TP

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
TVS DIODE ARRAY
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
TVS DIODE ARRAY
Rev.A
SM12 BILIN-SM12 Datasheet
111Kb / 3P
TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
TVS Diode Array
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
TVS Diode Array
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com