Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M78AR-1 Datasheet (PDF) - Minmax Technology Co., Ltd.

M78AR-1 Datasheet PDF - Minmax Technology Co., Ltd.
Part # M78AR-1
Download  M78AR-1 Download
File Size   666.58 Kbytes
Page   4 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description Switching Regulator 1A, SIP Package

M78AR-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M78AR-1 Datasheet PDF - Minmax Technology Co., Ltd.

Part # M78AR-1
Download  M78AR-1 Click to download

File Size   666.58 Kbytes
Page   4 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description Switching Regulator 1A, SIP Package

M78AR-1 Datasheet (HTML) - Minmax Technology Co., Ltd.


M78AR-1 Product details

FEATURES
►Industrial Standard SIP-3 Package
►Pin-out compatible with LM78xx Linear Regulators
►Fully Regulated Output Voltage
►Low Ripple & Noise
►Excellent Efficiency up to 96%
►Operating Ambient Temp. Range -40℃ to +85℃
►Low No Load Power Consumption
►No Min. Load Requirement
►Over Temp. and Short Circuit Protection




Similar Part No. - M78AR-1

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
M78AR05-0.5 MINMAX-M78AR05-0.5 Datasheet
952Kb / 3P
Low Ripple and Noise
More results


Similar Description - M78AR-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Linear Technology
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
Ultralow Noise 1A Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
1A step-down switching regulator
16-Oct-2007
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
1A step down switching regulator
03-Apr-2007
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
logo
XP Power Limited
SR10S1V8 XPPOWER-SR10S1V8 Datasheet
86Kb / 1P
3 Pin SIP 3T Switching Regulator
SR05S05 XPPOWER-SR05S05 Datasheet
86Kb / 1P
3 Pin SIP 3T Switching Regulator
logo
Linear Technology
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
Ultralow Noise 1A Switching Regulator
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
SIP package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com