Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SGM8193 Datasheet (PDF) - SG Micro Corp

SGM8193 Datasheet PDF - SG Micro Corp
Part # SGM8193
Download  SGM8193 Download
File Size   972.36 Kbytes
Page   16 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Tiny Packages, Nano-Power,Precision Current-Sense Amplifier

SGM8193 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM8193 Datasheet PDF - SG Micro Corp

Part # SGM8193
Download  SGM8193 Click to download

File Size   972.36 Kbytes
Page   16 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Tiny Packages, Nano-Power,Precision Current-Sense Amplifier

SGM8193 Datasheet (HTML) - SG Micro Corp


SGM8193 Product details

GENERAL DESCRIPTION
The SGM8193 series is a nano-power, high precision, high-side current-sense amplifier. The device consumes only 1.2μA (MAX) quiescent current. It features a 60μV (MAX) low offset voltage, which allows for 12-bit resolution at a very low 50mV full-scale current measurement. The device can sense the voltage across a current-sense resistor in a common mode voltage range from 1.6V to 28V. The SGM8193 series provides four fixed gains: 25V/V, 50V/V, 100V/V and 200V/V, which allows flexible selection of the external current-sense resistor.
The SGM8193 is available in Green SOT-23-5 and WLCSP-1×1-4B packages. The tiny packages make the device an excellent choice for portable and battery- powered applications, where the size is limited. The SGM8193 is rated over the -40℃ to +125℃ temperature range.

FEATURES
● Ultra-Low Quiescent Current: 1.2μA (MAX)
● Input Common Mode Range: 1.6V to 28V
● Low Input Offset Voltage: 60μV (MAX)
● Choice of Gains:
 SGM8193A0 Gain: 25V/V
 SGM8193A1 Gain: 50V/V
 SGM8193A2 Gain: 100V/V
 SGM8193A3 Gain: 200V/V
● Low Gain Error: ±0.4% (MAX)
● Voltage Output
● -40℃ to +125℃ Operating Temperature Range
● Available in Green SOT-23-5 and WLCSP-1×1-4B Packages

APPLICATIONS
Portable Equipment
Battery-Powered Equipment
Mobile Phones
Laptops
Personal Digital Assistants
Power Management




Similar Part No. - SGM8193

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
SGM8197A0Q ESMT-SGM8197A0Q Datasheet
1,023Kb / 23P
Automotive, High-Side Current-Sense Amplifier with Open-Drain Comparator and Reference
2023 - REV. A
More results


Similar Description - SGM8193

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
SOT23 Precision Current-Sense Amplifier
logo
STMicroelectronics
LMV82X STMICROELECTRONICS-LMV82X Datasheet
663Kb / 32P
Tiny packages
10-Apr-2017
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com