Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CH132V1 Datasheet (PDF) - Cvilux Corporation

CH132V1 Datasheet PDF - Cvilux Corporation
Part # CH132V1
Download  CH132V1 Download
File Size   100.82 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 2.00MM(.079") STRAIGHT SINGLE ROW BORAD MOUNT PIN HEADER

CH132V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH132V1 Datasheet PDF - Cvilux Corporation

Part # CH132V1
Download  CH132V1 Click to download

File Size   100.82 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 2.00MM(.079") STRAIGHT SINGLE ROW BORAD MOUNT PIN HEADER

CH132V1 Datasheet (HTML) - Cvilux Corporation




Similar Part No. - CH132V1

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CH1321 MARATHON-CH1321 Datasheet
280Kb / 1P
Power Block Covers
CH1322 MARATHON-CH1322 Datasheet
280Kb / 1P
Power Block Covers
CH1323 MARATHON-CH1323 Datasheet
280Kb / 1P
Power Block Covers
logo
List of Unclassifed Man...
CH1325026 ETC-CH1325026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CH1325060 ETC-CH1325060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Similar Description - CH132V1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC2707AG1-XXX DUBILIER-DBCPHC2707AG1-XXX Datasheet
100Kb / 1P
PIN HEADERS SINGLE ROW STRAIGHT 2.00mm
logo
Wurth Elektronik GmbH &...
62000311121 WURTH-62000311121 Datasheet
258Kb / 6P
2.00mm THT Straight Single Pin Header WR-PHD
002.000
62000611121 WURTH-62000611121 Datasheet
258Kb / 6P
2.00mm THT Straight Single Pin Header WR-PHD
002.000
62003211121 WURTH-62003211121 Datasheet
258Kb / 6P
2.00mm THT Straight Single Pin Header WR-PHD
002.000
62002011121 WURTH-62002011121 Datasheet
258Kb / 6P
2.00mm THT Straight Single Pin Header WR-PHD
002.000
logo
Cvilux Corporation
CH0601S2 CVILUX-CH0601S2 Datasheet
196Kb / 2P
1.27MM(.050°) STRAIGHT DUAL ROW BORAD MOUNT PIN HEADER
CH1101S CVILUX-CH1101S Datasheet
99Kb / 1P
2.00MM(.079") STRAIGHT SINGLE ROW BORAD MOUNT PIN HEADER
CH1102S CVILUX-CH1102S Datasheet
98Kb / 1P
2.00MM(.079") RIGHT ANGLE SINGLE ROW BORAD MOUNT PIN HEADER
CH2101S CVILUX-CH2101S Datasheet
99Kb / 1P
2.00MM(.079") SINGLE ROW DUAL BODY BORAD MOUNT PIN HEADER
CH2102S CVILUX-CH2102S Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com