Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

9215A Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

9215A Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 9215A
Download  9215A Download
File Size   274.1 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Sensors for Small Forces –0,5 ... 0,5 N to –500 ... 500 N

9215A Datasheet (PDF)

Go To PDF Page Download Datasheet
9215A Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 9215A
Download  9215A Click to download

File Size   274.1 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Sensors for Small Forces –0,5 ... 0,5 N to –500 ... 500 N

9215A Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


9215A Product details

• 3 calibrated measuring ranges
• Highly sensitive, for forces from 1 mN
• For tensile and compression forces
• Slim design for small sensor distances




Similar Part No. - 9215A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
921 OSCILENT-921 Datasheet
141Kb / 2P
LVPECL Output
logo
Keysight Technologies
921 KEYSIGHT-921 Datasheet
1Mb / 18P
N6700 Modular Power System Family
January 13, 2017
logo
ABL Aluminium Component...
921 AB ABL-921 AB Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
Structured Cable Produc...
921-6 STRUCTURED-CABLE-921-6 Datasheet
522Kb / 1P
RCA Plug, Compression Design
07/02/2013
921-6 STRUCTURED-CABLE-921-6 Datasheet
522Kb / 1P
RCA Plug, Compression Design
07/02/2013
More results


Similar Description - 9215A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170_05 Datasheet
57Kb / 4P
Small Signal MOSFET 500 mA, 60 Volts N?묬hannel TO??2 (TO??26)
August, 2005 ??Rev. 5
logo
Micronetics, Inc.
NMA2009-A1D MICRONETICS-NMA2009-A1D Datasheet
295Kb / 2P
Legacy 500 Hz to 500 MHz
NMA2009-A2S MICRONETICS-NMA2009-A2S Datasheet
163Kb / 2P
Legacy 500 Hz to 500 MHz
logo
Pasternack Enterprises,...
PE7032-30 PASTERNACK-PE7032-30 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
PE7032-6 PASTERNACK-PE7032-6 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
logo
New Jersey Semi-Conduct...
MPA201 NJSEMI-MPA201 Datasheet
127Kb / 2P
0,5 WATTS -; 12.5 VOLTS 500 Mhz
logo
Pasternack Enterprises,...
PE2CP1002 PASTERNACK-PE2CP1002 Datasheet
350Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 500 Watts
PE2CP1010 PASTERNACK-PE2CP1010 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 500 Watts
PE2CP1012 PASTERNACK-PE2CP1012 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts
logo
First Components Intern...
FML20N50 FCI-FML20N50 Datasheet
747Kb / 7P
20Amps 500 Voltage N Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com