Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1769-PA4 Datasheet (PDF) - NHP Electrical Engineering Products

1769-PA4 Datasheet PDF - NHP Electrical Engineering Products
Part # 1769-PA4
Download  1769-PA4 Download
File Size   627.0 Kbytes
Page   1 Pages
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products
Description COMPACTLOGIX 4A POWER SUPPLY 120/240V AC

1769-PA4 Datasheet (PDF)

Go To PDF Page Download Datasheet
1769-PA4 Datasheet PDF - NHP Electrical Engineering Products

Part # 1769-PA4
Download  1769-PA4 Click to download

File Size   627.0 Kbytes
Page   1 Pages
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products
Description COMPACTLOGIX 4A POWER SUPPLY 120/240V AC

1769-PA4 Datasheet (HTML) - NHP Electrical Engineering Products


1769-PA4 Product details

· AC or DC power options for CompactLogix™
controllers and distributed Compact I/O architecture
CompactLogix Power Supply 120/240V AC Input, 4A @ 5V DC
Output




Similar Part No. - 1769-PA4

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1769-PA2 NHP-1769-PA2 Datasheet
627Kb / 1P
COMPACTLOGIX 2A POWER SUPPLY 120/240V AC
8 June 2023,
More results


Similar Description - 1769-PA4

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
D2N130CD NI-D2N130CD Datasheet
188Kb / 3P
120/240V 30A
D2N140CD NI-D2N140CD Datasheet
188Kb / 3P
120/240V 40A
D2W130CD NI-D2W130CD Datasheet
183Kb / 3P
120/240V 30A
D2W140CD NI-D2W140CD Datasheet
180Kb / 3P
120/240V 40A
logo
TRACO Electronic AG
TEX120 TRACOPOWER-TEX120 Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TEX 120 Series, 120 Watt
Rev. November 30, 2022
TIB120 TRACOPOWER-TIB120 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 120 Series, 120 Watt
Rev. November 30, 2022
TXH120 TRACOPOWER-TXH120 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 120 Series, 120 Watt
Rev. March 16, 2023
logo
NHP Electrical Engineer...
1769-PA2 NHP-1769-PA2 Datasheet
627Kb / 1P
COMPACTLOGIX 2A POWER SUPPLY 120/240V AC
8 June 2023,
1769-PB2 NHP-1769-PB2 Datasheet
627Kb / 1P
COMPACTLOGIX 2A POWER SUPPLY 24V DC
8 June 2023,
1769-PB4 NHP-1769-PB4 Datasheet
627Kb / 1P
COMPACTLOGIX 4A POWER SUPPLY 24V DC
8 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com