Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1540031NC6090 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

1540031NC6090 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 1540031NC6090
Download  1540031NC6090 Download
File Size   1398.62 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-TTRB THT Phototransistor Round Black

1540031NC6090 Datasheet (PDF)

Go To PDF Page Download Datasheet
1540031NC6090 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 1540031NC6090
Download  1540031NC6090 Click to download

File Size   1398.62 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-TTRB THT Phototransistor Round Black

1540031NC6090 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


1540031NC6090 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Storage Conditions (for single
parts) -40 up to +85 °C
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 1540031NC6090

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1540031EA4590 WURTH-1540031EA4590 Datasheet
1Mb / 8P
WL-TDRW THT Phototdiode Round Waterclear
001.000
1540031EC4590 WURTH-1540031EC4590 Datasheet
1Mb / 8P
WL-TDRB THT Photodiode Round Black
001.000
More results


Similar Description - 1540031NC6090

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15400385A3590 WURTH-15400385A3590 Datasheet
937Kb / 8P
WL-TIRW THT Infrared Round Waterclear
15400394A3590 WURTH-15400394A3590 Datasheet
937Kb / 8P
WL-TIRW THT Infrared Round Waterclear
1540052NA3090 WURTH-1540052NA3090 Datasheet
1Mb / 8P
WL-TTRW THT Phototransistor Round Waterclear
001.000
1540051EC3590 WURTH-1540051EC3590 Datasheet
1Mb / 8P
WL-TDRB THT Photodiode Round Black
001.001
1540032NA3090 WURTH-1540032NA3090 Datasheet
1Mb / 8P
WL-TTRW THT Phototransistor Round Waterclear
001.000
15400594F3590 WURTH-15400594F3590 Datasheet
1Mb / 8P
WL-TIRC THT Infrared Round Waterclear
001.001
1540031EC4590 WURTH-1540031EC4590 Datasheet
1Mb / 8P
WL-TDRB THT Photodiode Round Black
001.000
1540031EA4590 WURTH-1540031EA4590 Datasheet
1Mb / 8P
WL-TDRW THT Phototdiode Round Waterclear
001.000
1540051NC2590 WURTH-1540051NC2590 Datasheet
1Mb / 9P
WL-TTRB THT Phototransistor Round Black
001.000
15400585F3590 WURTH-15400585F3590 Datasheet
1Mb / 9P
WL-TIRC THT Infrared Round Color
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com