Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVT244A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVT244A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVT244A
Download  74LVT244A Download
File Size   251.39 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V octal buffer/line driver; 3-state

74LVT244A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT244A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVT244A
Download  74LVT244A Click to download

File Size   251.39 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V octal buffer/line driver; 3-state

74LVT244A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVT244A Product details

1. General description
The 74LVT244A; 74LVTH244A is an 8-bit buffer/line driver with 3-state outputs. The device can
be used as two 4-bit buffers or one 8-bit buffer. The device features two output enables (1OE and
2OE), each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state. Bus hold data inputs eliminate the need for external pull-up resistors to
define unused inputs
2. Features and benefits
• Octal bus interface
• 3-state buffers
• Output capability: +64 mA and -32 mA
• Wide supply voltage range from 2.7 to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• Direct interface with TTL levels
• BiCMOS high speed and output drive
• IOFF circuitry provides partial Power-down mode operation
• Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
• Live insertion and extraction permitted
• Power-up 3-state
• No bus current loading when output is tied to 5 V bus
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• Complies with JEDEC standard JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to 85 °C




Similar Part No. - 74LVT244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT244ABQ NXP-74LVT244ABQ Datasheet
99Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244ABQ-Q100 NEXPERIA-74LVT244ABQ-Q100 Datasheet
710Kb / 15P
3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT244AD PHILIPS-74LVT244AD Datasheet
89Kb / 10P
3.3V Octal buffer/line driver 3-State
1998 Feb 19
More results


Similar Description - 74LVT244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74LVTH244A NXP-74LVTH244A Datasheet
99Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
74LVT241 PHILIPS-74LVT241_15 Datasheet
112Kb / 16P
3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
3.3 V octal buffer/line driver; 3-state
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com