Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TA3274005A Datasheet (PDF) - NHP Electrical Engineering Products

TA3274005A Datasheet PDF - NHP Electrical Engineering Products
Part # TA3274005A
Download  TA3274005A Download
File Size   1297.33 Kbytes
Page   3 Pages
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products
Description CURRENT TRANSFORMER 400/5A 27MM

TA3274005A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA3274005A Datasheet PDF - NHP Electrical Engineering Products

Part # TA3274005A
Download  TA3274005A Click to download

File Size   1297.33 Kbytes
Page   3 Pages
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products
Description CURRENT TRANSFORMER 400/5A 27MM

TA3274005A Datasheet (HTML) - NHP Electrical Engineering Products




Similar Part No. - TA3274005A

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
TA3271005A NHP-TA3271005A Datasheet
1Mb / 3P
CT SOLID CORE 100/5A 27mm 3VA CL1 1.5VA CL0.5
19 May 2023,
TA3271205A NHP-TA3271205A Datasheet
1Mb / 3P
CT SOLID CORE 120/5A 27mm 3.5VA CL1 2VA CL0.5
11 October 2022,
TA3271255A NHP-TA3271255A Datasheet
1Mb / 3P
CT SOLID CORE 125/5A 27mm 3.5VA CL1 2VA CL0.5
11 October 2022,
TA3271505A NHP-TA3271505A Datasheet
1Mb / 3P
CT SOLID CORE 150/5A 27mm 4VA CL1 3VA CL0.5
11 October 2022,
TA3272001A NHP-TA3272001A Datasheet
1Mb / 3P
CT SOLID CORE 200/1A 27mm 7VA CL1 4VA CL0.5
11 October 2022,
More results


Similar Description - TA3274005A

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
855-305-400-509 WAGO-855-305-400-509 Datasheet
597Kb / 5P
Plug-in current transformer; Primary rated current: 400 A
855-401-400-501 WAGO-855-401-400-501 Datasheet
583Kb / 6P
Plug-in current transformer; Primary rated current: 400 A
855-4105-400-101 WAGO-855-4105-400-101 Datasheet
216Kb / 5P
Split-core current transformer; Primary rated current: 400 A
855-5005-400-001 WAGO-855-5005-400-001 Datasheet
260Kb / 5P
Split-core current transformer; Primary rated current: 400 A
855-5105-400-001 WAGO-855-5105-400-001 Datasheet
274Kb / 5P
Split-core current transformer; Primary rated current: 400 A
logo
NHP Electrical Engineer...
TA3271505A NHP-TA3271505A Datasheet
1Mb / 3P
CT SOLID CORE 150/5A 27mm 4VA CL1 3VA CL0.5
11 October 2022,
TA327505A NHP-TA327505A Datasheet
1Mb / 3P
CT SOLID CORE 50/5A 27mm 1.5VA CL3
11 October 2022,
TA3276005A NHP-TA3276005A Datasheet
1Mb / 3P
CT SOLID CORE 600/5A 27mm 20VA CL1 15VA CL0.5
11 October 2022,
TA327605A NHP-TA327605A Datasheet
1Mb / 3P
CT SOLID CORE 60/5A 27mm 2.5VA CL3
11 October 2022,
TA327805A NHP-TA327805A Datasheet
1Mb / 3P
CT SOLID CORE 80/5A 27mm 3.5VA CL3 2.5VA CL1
11 October 2022,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com