Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RCLAMP7534F Datasheet (PDF) - TECH PUBLIC Electronics co LTD

RCLAMP7534F Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # RCLAMP7534F
Download  RCLAMP7534F Download
File Size   1285.06 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS for LVDS Interfaces

RCLAMP7534F Datasheet (PDF)

Go To PDF Page Download Datasheet
RCLAMP7534F Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # RCLAMP7534F
Download  RCLAMP7534F Click to download

File Size   1285.06 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS for LVDS Interfaces

RCLAMP7534F Datasheet (HTML) - TECH PUBLIC Electronics co LTD


RCLAMP7534F Product details

Features
Ultra low capacitance: 0.6pF typical /O to GND
Ultra low leakage: nA level
Low operating voltage: 5.0V
Uni-directional TVS Diode Array
Low clamping voltage
Complies with following standards:
—1EC 61000-4-2 (ESD) immunity test
Air discharge: +20kV
Contact discharge: +15kV
—IEC61000-4-5 (Lightning)4A (8/20 ps)
—|[EC61000-4-4 (EFT) 80A (5/50ns)
ROHS Compliant




Similar Part No. - RCLAMP7534F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP7534P SEMTECH-RCLAMP7534P Datasheet
1Mb / 6P
Ultra Low Capacitance RClamp 4-Line ESD Protection
RCLAMP7534P.TNT SEMTECH-RCLAMP7534P.TNT Datasheet
1Mb / 6P
Ultra Low Capacitance RClamp 4-Line ESD Protection
More results


Similar Description - RCLAMP7534F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
Low Capacitance TVS for High-Speed Data Interfaces
TCLAMP0602N SEMTECH-TCLAMP0602N Datasheet
181Kb / 7P
Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP2502N SEMTECH-TCLAMP2502N Datasheet
192Kb / 8P
Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP3302N SEMTECH-TCLAMP3302N Datasheet
243Kb / 9P
Low Capacitance TVS for Ethernet and Telecom Interfaces
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
Low Capacitance TVS for High-Speed Data Interfaces
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
Low Capacitance TVS for High-Speed Interfaces
logo
ON Semiconductor
ESDR7534 ONSEMI-ESDR7534 Datasheet
76Kb / 5P
Low Capacitance TVS for LVDS Interfaces
March, 2015 ??Rev. 3
logo
Semtech Corporation
RCLAMP1224S SEMTECH-RCLAMP1224S Datasheet
158Kb / 6P
Low Capacitance TVS for ADSL Interfaces
RCLAMP7512N SEMTECH-RCLAMP7512N Datasheet
176Kb / 7P
Low Capacitance TVS for LVDS Interfaces
RCLAMP7535M SEMTECH-RCLAMP7535M Datasheet
182Kb / 8P
Low Capacitance TVS for LVDS Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com