Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMPA1C1D060D Datasheet (PDF) - WOLFSPEED, INC.

CMPA1C1D060D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA1C1D060D
Download  CMPA1C1D060D Download
File Size   237.11 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier

CMPA1C1D060D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA1C1D060D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA1C1D060D
Download  CMPA1C1D060D Click to download

File Size   237.11 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier

CMPA1C1D060D Datasheet (HTML) - WOLFSPEED, INC.


CMPA1C1D060D Product details

Description
Wolfspeed’s CMPA1C1D060D is a gallium nitride (GaN) High
Electron Mobility Transistor (HEMT) based monolithic microwave
integrated circuit (MMIC) on a Silicon Carbide substrate, using a
0.25 μm gate length fabrication process. GaN-on-SiC has superior
properties compared to silicon, gallium arsenide or GaN-on-Si,
including higher breakdown voltage, higher saturated electron drift
velocity and higher thermal conductivity. GaN HEMTs also offer
greater power density and wider bandwidths compared to Si, GaAs,
and GaN-on-Si transistors.
Features
• 26 dB Small Signal Gain
• 60 W Typical PSAT
• Operation up to 40 V
• High Breakdown Voltage
• High Temperature Operation
• Size 0.209 x 0.240 x 0.004 inches
Applications
• Satellite Communications Uplink
• PTP Radio




Similar Part No. - CMPA1C1D060D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
More results


Similar Description - CMPA1C1D060D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
Rev 0.0
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D080F WOLFSPEED-CMPA1C1D080F Datasheet
1Mb / 18P
90 W, 12.75 - 13.25 GHz, GaN MMIC, Power Amplifier
Rev 0.1 September 2021
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com