Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMPA9396025S Datasheet (PDF) - WOLFSPEED, INC.

CMPA9396025S Datasheet PDF - WOLFSPEED, INC.
Part # CMPA9396025S
Download  CMPA9396025S Download
File Size   2316.86 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier

CMPA9396025S Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA9396025S Datasheet PDF - WOLFSPEED, INC.

Part # CMPA9396025S
Download  CMPA9396025S Click to download

File Size   2316.86 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier

CMPA9396025S Datasheet (HTML) - WOLFSPEED, INC.


CMPA9396025S Product details

Description
Wolfspeed’s CMPA9396025S is a GaN MMIC designed specifically from
9.3 - 9.6 GHz to be compact and provide high-efficiency, which makes it ideal
for marine radar amplifier applications. The MMIC delivers 25W at 100μsec
pulse width and 10% duty cycle. The 50-ohm, 3-stage MMIC is available in a
plastic surface-mount package.
Features
• 9.3 - 9.6 GHz Operation
• 30 W Typical Output Power
• 27 dB Power Gain
• 50-ohm Matched for Ease of Use
• Plastic Surface-Mount Package, 6x6 mm QFN
Applications
• Marine radar
• Military radar




Similar Part No. - CMPA9396025S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA9396025S CREE-CMPA9396025S Datasheet
2Mb / 16P
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
CMPA9396025S-AMP1 CREE-CMPA9396025S-AMP1 Datasheet
2Mb / 16P
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
More results


Similar Description - CMPA9396025S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 2.2
CMPA9396025S CREE-CMPA9396025S Datasheet
2Mb / 16P
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
CMPA901A020S CREE-CMPA901A020S Datasheet
1Mb / 15P
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
CMPA901A020S WOLFSPEED-CMPA901A020S Datasheet
1Mb / 15P
9.0 - 10.0 GHz, 20 W, Packaged GaN MMIC Power Amplifier
Rev 0.0 September 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com