Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS-065-030-2-L Datasheet (PDF) - GaN Systems Inc.

GS-065-030-2-L Datasheet PDF - GaN Systems Inc.
Part # GS-065-030-2-L
Download  GS-065-030-2-L Download
File Size   1035.83 Kbytes
Page   16 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description 650 V E-mode GaN transistor

GS-065-030-2-L Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-065-030-2-L Datasheet PDF - GaN Systems Inc.

Part # GS-065-030-2-L
Download  GS-065-030-2-L Click to download

File Size   1035.83 Kbytes
Page   16 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description 650 V E-mode GaN transistor

GS-065-030-2-L Datasheet (HTML) - GaN Systems Inc.


GS-065-030-2-L Product details

Features
• 650 V enhancement mode power transistor
• 850 V transient drain-to-source voltage
• Bottom-cooled, 8x8 mm PDFN package
• RDS(on) = 50 mΩ
• IDS,max = 30 A / IDSmax,Pulse = 60 A
• Simple gate drive requirements (0 V to 6 V)
• Transient tolerant gate drive (-20 V / +10 V)
• High switching frequency (> 1 MHz)
• Fast and controllable fall and rise times
• Reverse conduction capability
• Zero reverse recovery loss
• Source Sense (SS) pin for optimized gate drive
• RoHS 3 (6+4) compliant

Applications
• Bridgeless Totem Pole PFC
• Consumer, Industrial and Datacenter High
Density Power Supply
• High Power Adapters
• LED Lighting Drivers
• Appliance and Industrial Motor Drives
• Solar Inverter
• Uninterruptable Power Supplies
• Laser Drivers
• Wireless Power Transfer

Description
The GS-065-030-2-L is an enhancement mode GaN-on-Silicon power transistor. The properties of GaN allow for high current, high voltage breakdown and high switching frequency. GaN Systems innovates with industry leading advancements such as patented Island Technology® cell layout which realizes high-current die and high yield. The GS-065-030-2-L is a bottom-side cooled transistor that offers low junction-to-case thermal resistance for demanding high power applications. These features combine to provide very high efficiency power switching.




Similar Part No. - GS-065-030-2-L

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-030-6-LL GAN-GS-065-030-6-LL Datasheet
779Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-030-6-LL-TR GAN-GS-065-030-6-LL-TR Datasheet
779Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-030-6-LR GAN-GS-065-030-6-LR Datasheet
893Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-030-6-LR-MR GAN-GS-065-030-6-LR-MR Datasheet
893Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-030-6-LR-TR GAN-GS-065-030-6-LR-TR Datasheet
893Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
More results


Similar Description - GS-065-030-2-L

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220708
GS-065-011-2-L GAN-GS-065-011-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
650 V E-mode GaN transistor
Rev 220921
GS-065-060-5-B-A GAN-GS-065-060-5-B-A Datasheet
1Mb / 16P
Automotive 650 V GaN E-mode transistor
Rev 211025
GS-065-060-5-T-A GAN-GS-065-060-5-T-A Datasheet
1Mb / 17P
Automotive 650 V GaN E-mode transistor
Rev 220127
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66516T GAN-GS66516T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 210727
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com