Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OX-F Datasheet (PDF) - Transko Electronics, Inc.

OX-F Datasheet PDF - Transko Electronics, Inc.
Part # OX-F
Download  OX-F Download
File Size   325.34 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description OCXO 20.8 X 13.2 X 10.0mm 14PIN DIP FULL SIZE

OX-F Datasheet (PDF)

Go To PDF Page Download Datasheet
OX-F Datasheet PDF - Transko Electronics, Inc.

Part # OX-F
Download  OX-F Click to download

File Size   325.34 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description OCXO 20.8 X 13.2 X 10.0mm 14PIN DIP FULL SIZE

OX-F Datasheet (HTML) - Transko Electronics, Inc.


OX-F Product details

FEATURES:
• AT cut
• Low aging, Compact Package
• APPLICATIONS: SDH/SONET, ATM, WLL, Measurement Equipment




Similar Part No. - OX-F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-029 VECTRON-OX-029 Datasheet
96Kb / 3P
Log fit IAW MIL-PRF-55310, Log projection
OX-029-0005-10M23000 VECTRON-OX-029-0005-10M23000 Datasheet
96Kb / 3P
Log fit IAW MIL-PRF-55310, Log projection
OX-0410-AAD-108 VECTRON-OX-0410-AAD-108 Datasheet
340Kb / 5P
Oven Controlled Crystal Oscillator
OX-0410-AAE-108 VECTRON-OX-0410-AAE-108 Datasheet
340Kb / 5P
Oven Controlled Crystal Oscillator
OX-0410-AAJ-108 VECTRON-OX-0410-AAJ-108 Datasheet
340Kb / 5P
Oven Controlled Crystal Oscillator
More results


Similar Description - OX-F

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I401 ILSI-I401 Datasheet
43Kb / 2P
Leaded Oscillator, OCXO Metal Package, Full Size DIP
logo
Advanced Crystal Techno...
OX360 ACT-OX360 Datasheet
258Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 20.2 x 20.2 x 10.0mm
01/06/2017
logo
Suntsu Electronics, Inc...
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SOCFSS SUNTSU-SOCFSS Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
logo
Transko Electronics, In...
ECP TRANSKO-ECP Datasheet
410Kb / 1P
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
EXO TRANSKO-EXO Datasheet
424Kb / 1P
ECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 1: Jul. 2014
OX-C TRANSKO-OX-C Datasheet
420Kb / 2P
OCXO 38 X 38 X 19mm
Rev. 2: Mar. 2015
SXO TRANSKO-SXO Datasheet
179Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 4: Sep. 2019
TX-E TRANSKO-TX-E Datasheet
501Kb / 2P
TCXO/VCTCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Rev. 1: Dec. 2014
TX-EI TRANSKO-TX-EI Datasheet
448Kb / 2P
TCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Ver.1: Jan. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com