Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM6751Q Datasheet (PDF) - Silicon Mitus, Inc.

SM6751Q Datasheet PDF - Silicon Mitus, Inc.
Part # SM6751Q
Download  SM6751Q Download
File Size   214.67 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp

SM6751Q Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6751Q Datasheet PDF - Silicon Mitus, Inc.

Part # SM6751Q
Download  SM6751Q Click to download

File Size   214.67 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp

SM6751Q Datasheet (HTML) - Silicon Mitus, Inc.


SM6751Q Product details

Features
▪ AEC-Q100 Test Guidance with the Following Results:
Device Temperature Grade 2: -40°C to 105°C
▪ 2.4V to 6V Input Supply Voltage Range
▪ High-Efficiency Step-up Regulator for Source Driver
. Peak-Current Mode Control – Fast Transient
. 310kHz~1.18MHz Adjustable Switching Frequency
. Built-In 20V, 2A, 0.17Ω MOSFET
▪ 300mA Adjustable LDO
▪ Low Voltage Detector
. Programmable Detecting Voltage and Delay Time
▪ Gate Pulse Modulator
. Power On Sequence Control
. Flicker Compensator
▪ VCOM Calibrator
. 128-Step Adjustable Sink Current Output
. I2C Interface – Address : 0101000
▪ High-Speed OP-Amp
. 20MHz -3dB Bandwidth
. 35V/μs Slew Rate
. 150mA Short Circuit Current
▪ Protections
. Thermal Shutdown
. Short Circuit Protection (by VAVDD)
. Over-Voltage Protection (by VAVDD)

Applications
▪ Automotive Display




Similar Part No. - SM6751Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM67-3N001 ETC2-SM67-3N001 Datasheet
536Kb / 3P
Multi-Mode 670nm VCSEL Chip
logo
M.S. Kennedy Corporatio...
SM6701 MSK-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
SM6702-24HA NPC-SM6702-24HA Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
More results


Similar Description - SM6751Q

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2644 EUTECH-EUP2644 Datasheet
105Kb / 1P
TFT LCD DC-DC Converter with Integrated LDO, OP-AMP and GPM Switch
logo
Maxim Integrated Produc...
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
logo
Silicon Mitus, Inc.
SM4012 SILICONMITUS-SM4012 Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM4045 SILICONMITUS-SM4045 Datasheet
269Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Buck, Level-Shifter, Two Negative Charge-Pumps, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM41NE SILICONMITUS-SM41NE Datasheet
337Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, Positive / Negative Charge Pumps, Buck, LDO, VCOM Calibrator, OP Amp, 4-Ch. Gamma Buffers and GPM
Februay 2018 Rev. 0.0.0
SM4405 SILICONMITUS-SM4405 Datasheet
268Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, VGL Negative Charge-Pump, Two Bucks, LDO, HAVDD Linear Regulator, OP-Amp, VCOM Calibrator with Dual Banks, 14-Ch. Gamma Buffers with Dual Banks and GPM
December 2017 Rev. 0.0.0
SM4801 SILICONMITUS-SM4801 Datasheet
273Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com