Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S24D40 Datasheet (PDF) - Teledyne Technologies Incorporated

S24D40 Datasheet PDF - Teledyne Technologies Incorporated
Part # S24D40
Download  S24D40 Download
File Size   578.26 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 660 Vac AC/DC Control

S24D40 Datasheet (PDF)

Go To PDF Page Download Datasheet
S24D40 Datasheet PDF - Teledyne Technologies Incorporated

Part # S24D40
Download  S24D40 Click to download

File Size   578.26 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 660 Vac AC/DC Control

S24D40 Datasheet (HTML) - Teledyne Technologies Incorporated


S24D40 Product details

FEATURES/BENEFITS
• Industry standard package
• Internal snubber (except S60 models)
• Designed for all types of loads
• AC or DC control available
• Excellent thermal performance
• Tight zero-cross window for low EMI
• High immunity to surges

DESCRIPTION
The Series S single-phase relays are designed for
all types of loads. The design incorporates an SCR
or triac output. The relays utilize optical isolation to
protect the control from load transients. All contain an
internal snubber for output protection. High-current
models are excellent for motor and phase angle
control.

APPLICATIONS
• Heating control
• Motor control
• Uninterruptible power supplies
• Light dimmers
• Industrial and process control
• On/Off controls of AC equipment




Similar Part No. - S24D40

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S24D40-22 TELEDYNE-S24D40-22 Datasheet
132Kb / 5P
Single Output to 125A 660 Vac AC/DC Control
More results


Similar Description - S24D40

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
Output to 16A 280 Vac DC Control
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
Output to 2.5A, 275 Vac AC/DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
Dual Output to 50A 600 Vac DC Control
S48A25-22 TELEDYNE-S48A25-22 Datasheet
132Kb / 5P
Single Output to 125A 660 Vac AC/DC Control
PS24D4G TELEDYNE-PS24D4G Datasheet
93Kb / 3P
Output to 5A, 30 Vdc AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
Single Output to 25A, 280 Vac DC control
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
Output to 20A 280 Vac DC Control
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
Single Output to 660 Vac AC/DC Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com