Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TX-Q Datasheet (PDF) - Transko Electronics, Inc.

TX-Q Datasheet PDF - Transko Electronics, Inc.
Part # TX-Q
Download  TX-Q Download
File Size   172.17 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)

TX-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
TX-Q Datasheet PDF - Transko Electronics, Inc.

Part # TX-Q
Download  TX-Q Click to download

File Size   172.17 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)

TX-Q Datasheet (HTML) - Transko Electronics, Inc.


TX-Q Product details

FEATURES:
• CMOS OUTPUT
• ENABLE / DISABLE OUTPUT CONTROL
• 1.8V TO 3.3V SUPPLY VOLTAGE
APPLICATIONS:
• WiMAX, Wi-Fi, Wi-LAN, Wireless Communications
• Base Stations, Point to point radios
• Broadband Access, Test Equipment, Networking




Similar Part No. - TX-Q

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-0800-BAE-106 VECTRON-TX-0800-BAE-106 Datasheet
290Kb / 4P
Temperature Compensated Crystal Oscillator
TX-0800-BAE-207 VECTRON-TX-0800-BAE-207 Datasheet
290Kb / 4P
Temperature Compensated Crystal Oscillator
TX-0800-BAE-466 VECTRON-TX-0800-BAE-466 Datasheet
290Kb / 4P
Temperature Compensated Crystal Oscillator
TX-0800-BAE-507 VECTRON-TX-0800-BAE-507 Datasheet
290Kb / 4P
Temperature Compensated Crystal Oscillator
TX-0800-BAP-106 VECTRON-TX-0800-BAP-106 Datasheet
290Kb / 4P
Temperature Compensated Crystal Oscillator
More results


Similar Description - TX-Q

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TE-J TRANSKO-TE-J Datasheet
481Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.6mm)
Rev. 0: Oct. 2015
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TFC5 TRANSKO-TFC5 Datasheet
316Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TX-I TRANSKO-TX-I Datasheet
181Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 4: 05-13-19
TX-J TRANSKO-TX-J Datasheet
309Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.55mm)
Rev 2: 03-02-2023
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com