Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFP38N30X3M Datasheet (PDF) - Littelfuse

IXFP38N30X3M Datasheet PDF - Littelfuse
Part # IXFP38N30X3M
Download  IXFP38N30X3M Download
File Size   515.28 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 300 V, 50 mΩ X3-Class HiPerFETTM Power MOSFET

IXFP38N30X3M Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFP38N30X3M Datasheet PDF - Littelfuse

Part # IXFP38N30X3M
Download  IXFP38N30X3M Click to download

File Size   515.28 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 300 V, 50 mΩ X3-Class HiPerFETTM Power MOSFET

IXFP38N30X3M Datasheet (HTML) - Littelfuse


IXFP38N30X3M Product details

Features
■ International Standard Package
■ Plastic Overmolded Tab
■ Low RDS(ON) and QG
■ Avalanche Rated
■ 2500 V~ Electrical Isolation
■ Low Package Inductance

Applications
■ Switch-Mode and Resonant-
Mode Power Supplies
■ DC-DC Converters
■ PFC Circuits
■ AC and DC Motor Drives
■ Robotics and Servo Controls




Similar Part No. - IXFP38N30X3M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFP38N30X3 IXYS-IXFP38N30X3 Datasheet
229Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
More results


Similar Description - IXFP38N30X3M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
HiPerFETTM Power MOSFETs Q-CLASS
IXFH26N60Q IXYS-IXFH26N60Q Datasheet
107Kb / 2P
HiPerFETTM Power MOSFETs Q-Class
IXFH12N100Q IXYS-IXFH12N100Q Datasheet
146Kb / 4P
HiPerFETTM Power MOSFETs Q Class
IXFB62N80Q3 IXYS-IXFB62N80Q3 Datasheet
149Kb / 5P
HiperFETTM Power MOSFET Q3-Class
IXFB82N60Q3 IXYS-IXFB82N60Q3 Datasheet
148Kb / 5P
HiperFETTM Power MOSFET Q3-Class
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFN62N80Q3 IXYS-IXFN62N80Q3 Datasheet
132Kb / 5P
HiperFETTM Power MOSFET Q3-Class
IXFN100N65X2 IXYS-IXFN100N65X2 Datasheet
134Kb / 5P
X2-Class HiPerFETTM
IXFA80N25X3 IXYS-IXFA80N25X3 Datasheet
243Kb / 6P
X3-Class HiPerFETTM Power MOSFET
IXFP12N65X2M IXYS-IXFP12N65X2M Datasheet
574Kb / 6P
X2-Class HiperFETTM Power MOSFET
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com