Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1915-1-300-00 Datasheet (PDF) - Kendall Howard

1915-1-300-00 Datasheet PDF - Kendall Howard
Part # 1915-1-300-00
Download  1915-1-300-00 Download
File Size   338.39 Kbytes
Page   1 Pages
Manufacturer  KENDALLHOWARD [Kendall Howard]
Direct Link  https://www.kendallhoward.com/
Logo KENDALLHOWARD - Kendall Howard
Description WALL MOUNT SFF CPU BRACKET

1915-1-300-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
1915-1-300-00 Datasheet PDF - Kendall Howard

Part # 1915-1-300-00
Download  1915-1-300-00 Click to download

File Size   338.39 Kbytes
Page   1 Pages
Manufacturer  KENDALLHOWARD [Kendall Howard]
Direct Link  https://www.kendallhoward.com/
Logo KENDALLHOWARD - Kendall Howard
Description WALL MOUNT SFF CPU BRACKET

1915-1-300-00 Datasheet (HTML) - Kendall Howard


1915-1-300-00 Product details

FEATURES
Universal Design - The heavy duty welded design provides a dependable mounting solution for most CPUs
and PCs.
Included Velcro Strap - The SFF Wall Mount CPU Bracket includes a large Velcro strap that can be fed
through slots on the side of the bracket for added support.
Easy to Install - The bracket ships fully assembled for your convenience. To install, simply secure hardware
through the 16” on center mounting holes and the bracket is ready for use.




Similar Part No. - 1915-1-300-00

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
1915-3-001-12 KENDALLHOWARD-1915-3-001-12 Datasheet
56Kb / 1P
Wall Mount Rack 12U
1915-3-100-08 KENDALLHOWARD-1915-3-100-08 Datasheet
362Kb / 1P
SECURITY WALL MOUNT CABINET
1915-3-200-12 KENDALLHOWARD-1915-3-200-12 Datasheet
77Kb / 1P
12U SIDE MOUNT WALL RACK
1915-3-300-12 KENDALLHOWARD-1915-3-300-12 Datasheet
65Kb / 1P
12U V-LINE WALL MOUNT RACK
1915-3-300-16 KENDALLHOWARD-1915-3-300-16 Datasheet
62Kb / 1P
16U V-LINE WALL MOUNT RACK
More results


Similar Description - 1915-1-300-00

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N060002 TRIPPLITE-N060002 Datasheet
475Kb / 2P
2U Hinged Wall-Mount Patch Panel Bracket
logo
Bud Industries, Inc.
HWB-1790 BUD-HWB-1790 Datasheet
42Kb / 1P
HINGED WALL MOUNT BRACKET
logo
PULS GmbH
ZM1.WALL PULS-ZM1.WALL Datasheet
99Kb / 2P
WALL Mounting Bracket
ZM2.WALL PULS-ZM2.WALL Datasheet
145Kb / 3P
WALL MOUNTING BRACKET
ZM3.WALL PULS-ZM3.WALL Datasheet
101Kb / 1P
WALL MOUNTING BRACKET
logo
Tripp Lite. All Rights ...
SRWALLBRKT2U TRIPPLITE-SRWALLBRKT2U Datasheet
162Kb / 3P
SmartRack 2U Vertical Wall-Mount Rack Bracket
SRWALLBRKT6U TRIPPLITE-SRWALLBRKT6U Datasheet
164Kb / 3P
SmartRack 6U Vertical Wall-Mount Rack Bracket
logo
Maxtena Inc.
MMB-01-10-W MAXTENA-MMB-01-10-W Datasheet
2Mb / 2P
Wall mount Bracket
REV A
MMB-01-11-P MAXTENA-MMB-01-11-P Datasheet
671Kb / 2P
Wall mount Bracket
REV A
MMB-01-12-P MAXTENA-MMB-01-12-P Datasheet
773Kb / 2P
Wall mount Bracket
REV A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com