Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W39V040A Datasheet (PDF) - Winbond

W39V040A Datasheet PDF - Winbond
Part # W39V040A
Download  W39V040A Download
File Size   369.56 Kbytes
Page   34 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE

W39V040A Datasheet (PDF)

Go To PDF Page Download Datasheet
W39V040A Datasheet PDF - Winbond

Part # W39V040A
Download  W39V040A Click to download

File Size   369.56 Kbytes
Page   34 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE

W39V040A Datasheet (HTML) - Winbond


W39V040A Product details

GENERAL DESCRIPTION

The W39V040A is a 4-megabit, 3.3-volt only CMOS flash memory organized as 512K ×8 bits. For flexible erase capability, the 4Mbitsof data are divided into 8 uniform sectors of 64 Kbytes, which are composed of 16 smaller even pages with 4 Kbytes. The device can be programmed and erased in-system with a standard 3.3V power supply.



FEATURES

• Single 3.3-volt Operations:

−3.3-volt Read

−3.3-volt Erase

−3.3-volt Program

• Fast Program Operation:

−Byte-by-Byte programming: 35 µS (typ.)

• Fast Erase Operation:

−Chip erase 100 mS (max.)

−Sector erase 25 mS (max.)

−Page erase 25 mS (max.)

• Fast Read access time: Tkq 11 nS

• Endurance: 10K cycles (typ.)

• Twenty-year data retention

• 8 Even sectors with 64K bytes each, which is composed of 16 flexible pages with 4K bytes

• Any individual sector or page can be erased

•Hardware protection:

−Optional 16K byte or 64K byte Top Boot Block with lockout protection

−#TBL & #WP support the whole chip hardware protection

•Flexible 4K-page size can be used as Parameter Blocks

• Low power consumption

−Active current: 12.5 mA (typ. for LPC mode)

• Automatic program and erase timing with internal VPPgeneration

• End of program or erase detection

−Toggle bit

−Data polling

• Latched address and data

• TTL compatible I/O

• Available packages: 32L PLCC, 32L STSOP




Similar Part No. - W39V040A

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040BP WINBOND-W39V040BP Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040BPZ WINBOND-W39V040BPZ Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040BQ WINBOND-W39V040BQ Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040BQZ WINBOND-W39V040BQZ Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results


Similar Description - W39V040A

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040C WINBOND-W39V040C Datasheet
352Kb / 36P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
512K 횞 8 CMOS FLASH MEMORY
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com