Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5395 Datasheet (PDF) - Skyworks Solutions Inc.

SI5395 Datasheet PDF - Skyworks Solutions Inc.
Part # SI5395
Download  SI5395 Download
File Size   1967.21 Kbytes
Page   61 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter

SI5395 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5395 Datasheet PDF - Skyworks Solutions Inc.

Part # SI5395
Download  SI5395 Click to download

File Size   1967.21 Kbytes
Page   61 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter

SI5395 Datasheet (HTML) - Skyworks Solutions Inc.


SI5395 Product details

KEY FEATURES
• Generates any combination of output
frequencies from any input frequency
• Ultra low phase jitter:
• 69 fs RMS (Grade P)
• 71 fs RMS (Grade E)
• 85 fs RMS (integer mode)
• 100 fs RMS (fractional mode)
• Enhanced hitless switching minimizes output
phase transients (0.2 ns typ)
• Input frequency range
• Differential: 8 kHz to 750 MHz
• LVCMOS: 8 kHz to 250 MHz
• Output frequency range
• Differential: 100 Hz to 1028 MHz
• LVCMOS: 100 Hz to 250 MHz
• Meets G.8262, E.8262.1 EEC Standards
• Status monitoring
• Si5395: 4 input, 12 output (64-QFN/LGA)
• Si5394: 4 input, 4 output (44-QFN/LGA)
• Si5392: 4 input, 2 output (44-QFN/LGA)
• External reference: Grades A/B/C/D/P
• Integrated reference: Grades J/K/L/M/E
• Drop-in compatible with Si5345/44/42




Similar Part No. - SI5395

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5391A-A-EVB SKYWORKS-SI5391A-A-EVB Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5391A-A-GM SKYWORKS-SI5391A-A-GM Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5391B-A-GM SKYWORKS-SI5391B-A-GM Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5391C-A-GM SKYWORKS-SI5391C-A-GM Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
More results


Similar Description - SI5395

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5386 SKYWORKS-SI5386 Datasheet
1Mb / 50P
12-Channel, Any-Frequency, Any-Output wireless Jitter Attenuator / Clock Multiplier with Ultra-Low Noise
Rev. 1.02
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com