Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CH7231A Datasheet (PDF) - Chrontel, Inc.

CH7231A Datasheet PDF - Chrontel, Inc.
Part # CH7231A
Download  CH7231A Download
File Size   200.25 Kbytes
Page   12 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description Chrontel CH7231A USB Type-C Electronically Marked Cable Component

CH7231A Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7231A Datasheet PDF - Chrontel, Inc.

Part # CH7231A
Download  CH7231A Click to download

File Size   200.25 Kbytes
Page   12 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description Chrontel CH7231A USB Type-C Electronically Marked Cable Component

CH7231A Datasheet (HTML) - Chrontel, Inc.


CH7231A Product details

Features General Description
 Component for USB Type-C electronically marked
cable (USB Type-C Specification 1.2)
 Support USB power delivery specification revision
2.0, version 1.3 and USB power delivery
specification revision 3.0, version 1.1*
 Patent pending circuit to support USB power
delivery specification BMC cable plug RX mask
requirement
 On-chip programmable embedded flash to support
customer specific VDOs
 On-chip clock generation
 Low BOM cost, no external components required
 Low power consumption – below 7.5mA
 Offered in TSOT and DFN packages
 ESD +/- 8kV for Human Body Model (HBM),
+/- 500V for Charged Device Model (CDM)
* Note: only support basic functions for USB power
delivery revision 3.0
The CH7231A supports the USB Type-C
Electronically Marked Cable (E-Marker). The device
is designed to follow the USB Type-C Specification
1.2, the USB Power Delivery Specification Revision
2.0, Version 1.3 and USB power delivery
specification revision 3.0, version 1.1*. The
CH7231A is a low cost semiconductor device and
can help the cable manufacturer easily enabling the
USB Power Delivery feature required by USB TypeC E-Mark cable. In order to reduce the cost of the
cable material, The CH7231A integrates all necessary
components and circuits, such as LDO, clock
generation, isolation circuit, Ra, etc. The on-chip
embedded flash allows cable to store VDOs
commands specified by the Power Delivery
specification that to be used for communication
between provider and consumer.




Similar Part No. - CH7231A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7202 ETC-CH7202 Datasheet
110Kb / 16P
MPEG to TV Encoder with 8-bit Input
CH7203 ETC-CH7203 Datasheet
108Kb / 15P
MPEG to TV Encoder with 16-bit Input
CH7203-V ETC-CH7203-V Datasheet
108Kb / 15P
MPEG to TV Encoder with 16-bit Input
logo
Chenmko Enterprise Co. ...
CH720S-40PT CHENMKO-CH720S-40PT Datasheet
82Kb / 3P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.04 Ampere
logo
Chrontel, Inc.
CH7210C CHRONTEL-CH7210C Datasheet
235Kb / 9P
CH7210C DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.0 2020-7-9
More results


Similar Description - CH7231A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Richtek Technology Corp...
RT1710 RICHTEK-RT1710 Datasheet
263Kb / 14P
Cable ID for USB Type-C Cables
RT1731 RICHTEK-RT1731 Datasheet
1Mb / 25P
Cable ID for USB Type-C Cables
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
ON Semiconductor
FUSB380 ONSEMI-FUSB380 Datasheet
213Kb / 8P
Autonomous USB Type-C Cable Marker
May, 2019 ??Rev. 1
FUSB380C ONSEMI-FUSB380C Datasheet
276Kb / 8P
Autonomous USB Type-C Passive Cable Marker
May, 2019 ??Rev. P1
logo
Chrontel, Inc.
CH7251A CHRONTEL-CH7251A Datasheet
89Kb / 12P
Chrontel CH7251A for USB Type-C Charger
Ver. 0.7 05/12/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com