Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GBJ15005 Datasheet (PDF) - SMC Diode Solutions Co. LTD

GBJ15005 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GBJ15005
Download  GBJ15005 Download
File Size   350.9 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 15.0A Glass Passivated Bridge Rectifier

GBJ15005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ15005 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GBJ15005
Download  GBJ15005 Click to download

File Size   350.9 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 15.0A Glass Passivated Bridge Rectifier

GBJ15005 Datasheet (HTML) - SMC Diode Solutions Co. LTD


GBJ15005 Product details

Features
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
GBJ15005 ETC-GBJ15005 Datasheet
87Kb / 2P
Single Phase Bridge Rectifiers
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
82Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
Sirectifier Semiconduct...
GBJ15005 SIRECTIFIER-GBJ15005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
More results


Similar Description - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
41Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
15.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1505 TAITRON-TB1505 Datasheet
237Kb / 5P
15.0A Single-Phase Bridge Rectifier
TB1505G TAITRON-TB1505G Datasheet
233Kb / 5P
15.0A Glass Passivated Bridge Rectifier
TB1505GW TAITRON-TB1505GW Datasheet
240Kb / 5P
15.0A Glass Passivated Bridge Rectifier
TB1505W TAITRON-TB1505W Datasheet
243Kb / 5P
15.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJL15J SMCDIODE-GBJL15J Datasheet
329Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBJL25J SMCDIODE-GBJL25J Datasheet
313Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBU15005 SMCDIODE-GBU15005 Datasheet
340Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com