Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1110401054 Datasheet (PDF) - Molex Electronics Ltd.

1110401054 Datasheet PDF - Molex Electronics Ltd.
Part # 1110401054
Download  1110401054 Download
File Size   367.28 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description QSFP COPPER PATCH CABLE ASSEMBLY CABLE ASSEMBLY

1110401054 Datasheet (PDF)

Go To PDF Page Download Datasheet
1110401054 Datasheet PDF - Molex Electronics Ltd.

Part # 1110401054
Download  1110401054 Click to download

File Size   367.28 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description QSFP COPPER PATCH CABLE ASSEMBLY CABLE ASSEMBLY

1110401054 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1110401054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1110401054 MOLEX11-1110401054 Datasheet
53Kb / 1P
QSFP-to-QSFP Cable Assembly, 30 AWG, 0.50m Length
More results


Similar Description - 1110401054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747571201 MOLEX11-0747571201 Datasheet
52Kb / 1P
QSFP-to-QSFP Cable Assembly, 30 AWG, 2.0m Length
0747572501 MOLEX11-0747572501 Datasheet
53Kb / 1P
QSFP-to-QSFP Cable Assembly, 28 AWG, 5.0m Length
0747573101 MOLEX11-0747573101 Datasheet
53Kb / 1P
QSFP-to-QSFP Cable Assembly, 26 AWG, 1.0m Length
0747573201 MOLEX11-0747573201 Datasheet
52Kb / 1P
QSFP-to-QSFP Cable Assembly, 26 AWG, 2.0m Length
0747573301 MOLEX11-0747573301 Datasheet
53Kb / 1P
QSFP-to-QSFP Cable Assembly, 26 AWG, 3.0m Length
0747573701 MOLEX11-0747573701 Datasheet
52Kb / 1P
QSFP-to-QSFP Cable Assembly, 26 AWG, 7.0m Length
logo
TE Connectivity Ltd
C-2333801 TEC-C-2333801 Datasheet
341Kb / 2P
CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 30AWG
C-2333844 TEC-C-2333844 Datasheet
358Kb / 2P
CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 26AWG
logo
Molex Electronics Ltd.
747579005 MOLEX-747579005 Datasheet
497Kb / 3P
QSFP CABLE ASSEMBLY
2020/10/07
2058563005 MOLEX-2058563005 Datasheet
540Kb / 4P
QSFP-DD-8ZSFP 56G CABLE ASSEMBLY
2022/01/07
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com