Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USC-160 Datasheet (PDF) - Advantech Co., Ltd.

USC-160 Datasheet PDF - Advantech Co., Ltd.
Part # USC-160
Download  USC-160 Download
File Size   799.0 Kbytes
Page   3 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15.6" ARM Based Android All-in-One Computer

USC-160 Datasheet (PDF)

Go To PDF Page Download Datasheet
USC-160 Datasheet PDF - Advantech Co., Ltd.

Part # USC-160
Download  USC-160 Click to download

File Size   799.0 Kbytes
Page   3 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15.6" ARM Based Android All-in-One Computer

USC-160 Datasheet (HTML) - Advantech Co., Ltd.


USC-160 Product details

Features
ƒ Equipped with DeviceOn/iService software for remote device management
ƒ 15.6" TFT display with LED backlight
ƒ Flat bezel-less panel with PCAP touch
ƒ Reserved side hatch for optional peripherals
ƒ Embedded RFID/NFC reader, Barcode scanner and camera (optional)
ƒ Supports VESA (75 x 75 mm) and wall mounting
ƒ IP65-rated front panel
ƒ Supports Power over Ethernet
ƒ 12 ~ 36V wide input range




Similar Part No. - USC-160

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USC-160 ADVANTECH-USC-160 Datasheet
1Mb / 2P
Multi- purpose stand
14-Jul-2020
USC-160AP-BR100 ADVANTECH-USC-160AP-BR100 Datasheet
1Mb / 2P
Multi- purpose stand
14-Jul-2020
USC-160AP-BR101 ADVANTECH-USC-160AP-BR101 Datasheet
1Mb / 2P
Multi- purpose stand
14-Jul-2020
USC-160AP-BR103 ADVANTECH-USC-160AP-BR103 Datasheet
736Kb / 2P
One by one human detection sensor
22-Mar-2021
USC-160AP-BR103 ADVANTECH-USC-160AP-BR103 Datasheet
1Mb / 2P
Multi- purpose stand
14-Jul-2020
More results


Similar Description - USC-160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM5862E ETC-PCM5862E Datasheet
597Kb / 108P
All in one multi-media Pentium processor-based single board computer
logo
NXP Semiconductors
CBTL12131 NXP-CBTL12131 Datasheet
206Kb / 29P
DisplayPort multiplexer for bidirectional video in all-in-one computer systems
Rev. 1-25 February 2011
logo
Advantech Co., Ltd.
ARK-7480 ADVANTECH-ARK-7480 Datasheet
238Kb / 2P
All-In-One, High Performance Embedded Box computer
UTC-515D-RE ADVANTECH-UTC-515D-RE Datasheet
336Kb / 2P
15.6" Ubiquitous Touch Computer
UTC-515 ADVANTECH-UTC-515_V01 Datasheet
472Kb / 2P
15.6 Ubiquitous Touch Computer
6-Sep-2017
EPC-R4680 ADVANTECH-EPC-R4680 Datasheet
565Kb / 2P
Rockchip RK3288 Cortex-A17 ARM Based Box Computer
19-Dec-2018
PPC-115W ADVANTECH-PPC-115W Datasheet
368Kb / 2P
15.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
26-May-2022
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
USC-365 ADVANTECH-USC-365 Datasheet
833Kb / 3P
15.6" Ultra-Slim, All-in-One POS
13-Dec-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com