Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RTQ2102A-QA Datasheet (PDF) - Richtek Technology Corporation

RTQ2102A-QA Datasheet PDF - Richtek Technology Corporation
Part # RTQ2102A-QA
Download  RTQ2102A-QA Download
File Size   254.31 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter

RTQ2102A-QA Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2102A-QA Datasheet PDF - Richtek Technology Corporation

Part # RTQ2102A-QA
Download  RTQ2102A-QA Click to download

File Size   254.31 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter

RTQ2102A-QA Datasheet (HTML) - Richtek Technology Corporation


RTQ2102A-QA Product details

General Description
The RTQ2102A-QA is a full featured 6V, 1.5A, Advanced
Constant-On-Time (ACOT) synchronous step-down
converter with two integrated MOSFETs. The advanced
COT operation allows transient responses to be optimized
over a wide range of loads, and output capacitors to
efficiently reduce external component count. The
RTQ2102A-QA provides up to 2.7MHz switching frequency
to minimize the size of output inductor and capacitors.
The RTQ2102A-QA is available in the WDFN-8L 3x3
package.

Features
 AEC-Q100 Grade 1 Qualified
 3V to 6V Input Voltage Range
 Advanced COT Control Loop Design
 Fast Transient Response
 Internal 110mΩ and 90mΩ Synchronous Rectifier
 Highly Accurate VOUT Regulation Over Load/Line
Range
 Robust Loop Stability with Low-ESR COUT
 Automotive Temperature Range −40°C to 125°C

Applications
 Mobile Phones and Handheld Devices
 STB, Cable Modem, and xDSL Platforms
 WLAN ASIC Power / Storage (SSD and HDD)
 General Purpose for POL LV Buck Converter
 Automotive Infotainment
 Automotive Instrument Clusters & HUD
Car Connectivity




Similar Part No. - RTQ2102A-QA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2102A RICHTEK-RTQ2102A Datasheet
1Mb / 21P
1.5A, 6V, Low IQ ACOT® Synchronous Step-Down Converter
April 2023
More results


Similar Description - RTQ2102A-QA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
ACOT Synchronous Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
ACOT Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
ACOT Step-Down Converter
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com