Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OLI400 Datasheet (PDF) - Skyworks Solutions Inc.

OLI400 Datasheet PDF - Skyworks Solutions Inc.
Part # OLI400
Download  OLI400 Download
File Size   691.43 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Miniature Low Input Current Optocoupler for Hybrid Assembly

OLI400 Datasheet (PDF)

Go To PDF Page Download Datasheet
OLI400 Datasheet PDF - Skyworks Solutions Inc.

Part # OLI400
Download  OLI400 Click to download

File Size   691.43 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Miniature Low Input Current Optocoupler for Hybrid Assembly

OLI400 Datasheet (HTML) - Skyworks Solutions Inc.


OLI400 Product details

Features
• Electrical parameters guaranteed over -55 °C to +125 °C
ambient temperature range
• 1500 VDC electrical isolation
• Low input current, 0.5 mA
• Low output VCE-SAT, 0.1 V typical
• High Current Transfer Ratio (CTR), 1000% typical
• Low power consumption
• Similar to industry standard parts 6N138/6N139 in plastic, and
6N140 in hermetic Dual Inline Packages (DIPs)
• Radiation tolerant design




Similar Part No. - OLI400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
Miniature Low Input-Current Optocoupler
More results


Similar Description - OLI400

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
LOW CURRENT INPUT MINI OPTOCOUPLER
logo
Skyworks Solutions Inc.
OLI100 SKYWORKS-OLI100 Datasheet
351Kb / 6P
Miniature Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
OLI300 SKYWORKS-OLI300 Datasheet
486Kb / 5P
Miniature High-Speed Optocoupler for Hybrid Assembly
August 4, 2021
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
OLI600 SKYWORKS-OLI600 Datasheet
530Kb / 6P
Miniature High-Speed Schmitt Trigger Optocoupler for Hybrid Assembly
August 5, 2021
OLI910 SKYWORKS-OLI910 Datasheet
344Kb / 5P
Miniature Photovoltaic Optocoupler for Hybrid Assembly
April 17, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com