Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MURS230 Datasheet (PDF) - ON Semiconductor

MURS230 Datasheet PDF - ON Semiconductor
Part # MURS230
Download  MURS230 Download
File Size   131.16 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V

MURS230 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURS230 Datasheet PDF - ON Semiconductor

Part # MURS230
Download  MURS230 Click to download

File Size   131.16 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V

MURS230 Datasheet (HTML) - ON Semiconductor


MURS230 Product details

Features
• Small Compact Surface Mountable Package with J−Bend Leads
• Rectangular Package for Automated Handling
• High Temperature Glass Passivated Junction
• Low Forward Voltage Drop (0.95 Volts Max @ 2.0 A, TJ = 150°C)
• NRVUS and SURS8 Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable*
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - MURS230

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURS230 ZSELEC-MURS230 Datasheet
161Kb / 2P
2.0A SURFACE MOUNT ULTRAFAST DIODE
logo
ON Semiconductor
MURS230 ONSEMI-MURS230 Datasheet
174Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V
November, 2023 - Rev. 11
logo
Shenzhen Foster Semicon...
MURS230AG FOSTER-MURS230AG Datasheet
2Mb / 2P
Chip Silicon Rectifier
MURS230BG FOSTER-MURS230BG Datasheet
3Mb / 3P
Chip Silicon Rectifier
logo
ON Semiconductor
MURS230T3 ONSEMI-MURS230T3 Datasheet
49Kb / 4P
Surface Mount Ultrafast Power Rectifiers
February, 2001 ??Rev. 4
More results


Similar Description - MURS230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
ULTRA FAST RECOVERY POWER RECTIFIER
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Solid States Devices, I...
SPD3889 SSDI-SPD3889 Datasheet
163Kb / 2P
12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com