Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ABS05 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

ABS05 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # ABS05
Download  ABS05 Download
File Size   492.42 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description BRIDGE RECTIFIER

ABS05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS05 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # ABS05
Download  ABS05 Click to download

File Size   492.42 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description BRIDGE RECTIFIER

ABS05 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


ABS05 Product details

Features
· The plastic material used carries
Underwriters Laboratory flammability
recognition 94V-0
· Surge overload ratings to 30 amperes
· Ideal for printed circuit board application
· High temperature soldering guaranteed
260℃/5 seconds at 5 lbs (2.3kg) tension




Similar Part No. - ABS05

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
ABS05 CTC-ABS05 Datasheet
252Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Abracon Corporation
ABS05 ABRACON-ABS05 Datasheet
2Mb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
06.03.15
logo
Zibo Seno Electronic En...
ABS05 ZSELEC-ABS05 Datasheet
165Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS05 ZSELEC-ABS05 Datasheet
91Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
ABS05 YIXIN-ABS05 Datasheet
116Kb / 2P
1.0 A Single-Phase Glass Passivated Bridge Rectifiers
More results


Similar Description - ABS05

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com