Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE29102 Datasheet (PDF) - Peregrine Semiconductor

PE29102 Datasheet PDF - Peregrine Semiconductor
Part # PE29102
Download  PE29102 Download
File Size   2777.85 Kbytes
Page   16 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS® High-speed FET Driver, 40 MHz

PE29102 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE29102 Datasheet PDF - Peregrine Semiconductor

Part # PE29102
Download  PE29102 Click to download

File Size   2777.85 Kbytes
Page   16 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS® High-speed FET Driver, 40 MHz

PE29102 Datasheet (HTML) - Peregrine Semiconductor


PE29102 Product details

Features
• High- and low-side FET drivers
• Dead-time control
• Fast propagation delay, 9 ns
• Tri-state enable mode
• Sub-nanosecond rise and fall time
• 2A/4A peak source/sink current
• Package – flip chip

Applications
• Class D audio
• DC–DCconversions
• AC–DC conversions
• Wireless charging
• Envelope tracking
• LiDAR




Similar Part No. - PE29102

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PE20 EDI-PE20 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Vishay Siliconix
PE200 VISHAY-PE200 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Pasternack Enterprises,...
PE2000 PASTERNACK-PE2000 Datasheet
76Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE:2-500 MHz 2 OUTPUT PORTS
PE2001 PASTERNACK-PE2001 Datasheet
105Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 2-500 MHz OUTPUT PORTS
PE2002 PASTERNACK-PE2002 Datasheet
107Kb / 1P
BNC FEMALE POWER DIVIDER FREQUNECNY RANGE: 2-500 MHz 8 OUTPUT PORTS
More results


Similar Description - PE29102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
DUAL HIGH-SPEED FET DRIVER
UC1711 TI-UC1711 Datasheet
47Kb / 3P
Dual Ultra High-Speed FET Driver
logo
Peregrine Semiconductor...
PE42650A PEREGRINE-PE42650A Datasheet
453Kb / 11P
SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
logo
Texas Instruments
UC1709J TI1-UC1709J Datasheet
553Kb / 6P
DUAL HIGH-SPEED FET DRIVER
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS
PE9301 PEREGRINE-PE9301 Datasheet
230Kb / 7P
3500 MHz Low Power UltraCMOS
logo
Peregrine Semiconductor
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
logo
Texas Instruments
UC1711 TI1-UC1711_12 Datasheet
78Kb / 5P
Dual Ultra High-Speed FET Driver
logo
Teledyne Technologies I...
TD99102 TELEDYNE-TD99102 Datasheet
1Mb / 16P
UltraCMOS® High-speed FET and GaN Transistor Driver, 20 MHz
Rev 1 02-2022
logo
Peregrine Semiconductor
PE42446 PSEMI-PE42446 Datasheet
108Kb / 2P
High Isolation UltraCMOS® SP4T RF Switch, 10 MHz–8 GHz
06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com