Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS715A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS715A Datasheet PDF - Texas Instruments
Part # TPS715A
Download  TPS715A Download
File Size   6619.17 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TPS715A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS715A Datasheet PDF - Texas Instruments

Part # TPS715A
Download  TPS715A Click to download

File Size   6619.17 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TPS715A Datasheet (HTML) - Texas Instruments


TPS715A Product details

1 Features
• Input voltage range:
– 2.5 V to 24 V
• Available output voltage options:
– Fixed: 1.8 V to 5 V
– Adjustable: 1.205 V to 15 V
• Output current: Up to 80 mA
• Very low IQ: 3.2 μA at 80-mA load current
• Overcurrent protection
• Package:
– 3-mm × 3-mm VSON (DRB)
– 2-mm × 2-mm WSON (DRV)
• Operating junction temperature: –40°C to +125°C
• For MSP430-specific output voltages see the
TPS715

2 Applications
• Home and building automation
• Retail automation and payment
• Grid infrastructure
• Medical applications
• Lighting applications

3 Description
The TPS715A low-dropout (LDO) linear voltage
regulator is a low quiescent current device that
offers the benefits of a wide input voltage range
and low-power operation in miniaturized packaging.
Thus, the TPS715A is designed for battery-powered
applications and as a power-management attachment
to low-power microcontrollers.
The TPS715A is available in both fixed and
adjustable versions. For more flexibility or higher
output voltages, the adjustable version uses external
feedback resistors to set the output voltage from
1.205 V to 15 V. The TPS715A LDOs support a low
dropout of 650 mV (typ) at 80 mA of load current.
The low quiescent current (3.2 μA typically) is stable
over the entire range of output load current (0 mA
to 80 mA). The TPS715A (new chip) also features
an internal soft-start to lower the inrush current. The
built-in overcurrent limit helps protect the regulator in
the event of a load short or fault.
The TPS715A is available in a 3-mm × 3-mm package
for use in high power dissipation applications and a
small 2-mm × 2-mm package for hand-held and ultraportable
applications. The 3-mm × 3-mm package is
also available as a non-magnetic package for medical
imaging applications.




Similar Part No. - TPS715A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A TI-TPS715A Datasheet
920Kb / 20P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A-NM TI2-TPS715A-NM Datasheet
792Kb / 21P
TPS715A-NM 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
JUNE 2017
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
TPS715A01DRBR TI1-TPS715A01DRBR Datasheet
820Kb / 20P
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
More results


Similar Description - TPS715A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TLV704 TI-TLV704_V02 Datasheet
4Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV701 TI-TLV701 Datasheet
4Mb / 29P
TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED APRIL 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
TPS714 TI1-TPS714 Datasheet
3Mb / 38P
TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com