Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

12-___VJSNH-___14D Datasheet (PDF) - Huber+Suhner, Inc.

12-___VJSNH-___14D Datasheet PDF - Huber+Suhner, Inc.
Part # 12-___VJSNH-___14D
Download  12-___VJSNH-___14D Download
File Size   315.74 Kbytes
Page   3 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Breakout 12 x 1.4mm LSFH Ø 9.0mm Dca

12-___VJSNH-___14D Datasheet (PDF)

Go To PDF Page Download Datasheet
12-___VJSNH-___14D Datasheet PDF - Huber+Suhner, Inc.

Part # 12-___VJSNH-___14D
Download  12-___VJSNH-___14D Click to download

File Size   315.74 Kbytes
Page   3 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Breakout 12 x 1.4mm LSFH Ø 9.0mm Dca

12-___VJSNH-___14D Datasheet (HTML) - Huber+Suhner, Inc.


12-___VJSNH-___14D Product details

Properties
• Metal free indoor cable
• Each fiber strain relieved
• Ripcord for easy jacked
removal
• Low smoke, halogen free
and self-extinguishing
• Optimized outer-diameter
construction




Similar Part No. - 12-___VJSNH-___14D

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12-002-101ST ARIES-12-002-101ST Datasheet
181Kb / 1P
DIP Jumpers
12-002-101STL ARIES-12-002-101STL Datasheet
181Kb / 1P
DIP Jumpers
12-002-101T ARIES-12-002-101T Datasheet
181Kb / 1P
DIP Jumpers
12-002-101TL ARIES-12-002-101TL Datasheet
181Kb / 1P
DIP Jumpers
12-002-102ST ARIES-12-002-102ST Datasheet
181Kb / 1P
DIP Jumpers
More results


Similar Description - 12-___VJSNH-___14D

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
04-___CWJSNH-___20D HUBERSUHNER-04-___CWJSNH-___20D Datasheet
298Kb / 3P
Breakout 4 x 2.0mm LSFH Ø 7.0mm Dca
08-___CWJSNH-___20C HUBERSUHNER-08-___CWJSNH-___20C Datasheet
305Kb / 3P
Breakout 8 x 2.0mm LSFH Ø 9.0mm Cca
08-___VJSNH-___14D HUBERSUHNER-08-___VJSNH-___14D Datasheet
306Kb / 3P
Breakout 8 x 1.4mm LSFH Ø 7.1mm Dca
08-___VJSNH-__ HUBERSUHNER-08-___VJSNH-___20 Datasheet
277Kb / 3P
Breakout 8 x 2.0mm LSFH Ø 9.0mm
12-___CWJSNH-___20C HUBERSUHNER-12-___CWJSNH-___20C Datasheet
306Kb / 2P
Breakout 12 x 2.0mm LSFH Ø 12.0mm Cca
16-___VJSNH-___14D HUBERSUHNER-16-___VJSNH-___14D Datasheet
371Kb / 3P
Breakout 16 x 1.4mm LSFH Ø 9.0mm Dca
18-___VJSNH-___14D HUBERSUHNER-18-___VJSNH-___14D Datasheet
384Kb / 3P
Breakout 18 x 1.4mm LSFH Ø 9.5mm Dca
24-___VJSNH-___14C HUBERSUHNER-24-___VJSNH-___14C Datasheet
351Kb / 3P
Breakout 24 x 1.4mm LSFH Ø 10.6mm Cca
S_04-___FJSN_ZNG_H-__ HUBERSUHNER-S_04-___FJSN_ZNG_H-___22 Datasheet
225Kb / 2P
QUADFIX 4 x 2.2mm LSFH Ø 9.0mm Cca
04-___VJSN_ZNG_H-__ HUBERSUHNER-04-___VJSN_ZNG_H-___22 Datasheet
197Kb / 2P
QUADFIX 4 x 2.2mm LSFH Ø 9.0mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com