Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

61500814221 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

61500814221 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 61500814221
Download  61500814221 Download
File Size   746.91 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-MJ Modular Jack Tab Down

61500814221 Datasheet (PDF)

Go To PDF Page Download Datasheet
61500814221 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61500814221
Download  61500814221 Click to download

File Size   746.91 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-MJ Modular Jack Tab Down

61500814221 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


61500814221 Product details

General Information:
Operating Temperature -40 up to +85 °C




Similar Part No. - 61500814221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
615008142121 WURTH-615008142121 Datasheet
607Kb / 6P
WR-MJ Modular Jack Tab Up
001.002
615008142521 WURTH-615008142521 Datasheet
253Kb / 1P
45° PLASTIC 8P8C MODULAR JACK
G 03-APR-14
615008142621 WURTH-615008142621 Datasheet
243Kb / 1P
HORIZONTAL SHIELDED 3.05mm REAR GROUNDING POST 8P8C MODULAR JACK TAB DOWN
615008142621 WURTH-615008142621 Datasheet
678Kb / 7P
WR-MJ Modular JackTab Down
REVISION 001.002
615008142621 WURTH-615008142621_V01 Datasheet
678Kb / 7P
WR-MJ Modular JackTab Down
REVISION 001.002
More results


Similar Description - 61500814221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
615016137621 WURTH-615016137621_V01 Datasheet
727Kb / 7P
WR-MJ Modular Jack Tab Down
REVISION 001.003
615108150221R WURTH-615108150221R Datasheet
574Kb / 8P
WR-MJ Modular Jack Tab Down
REVISION 001.001
615008140121 WURTH-615008140121 Datasheet
627Kb / 7P
WR-MJ Modular Jack Tab Down
003.000
615008185221 WURTH-615008185221 Datasheet
614Kb / 6P
WR-MJ Modular Jack Tab Down
001.003
615032137821 WURTH-615032137821 Datasheet
649Kb / 7P
WR-MJ Modular Jack Tab Down
001.002
615006141121 WURTH-615006141121 Datasheet
967Kb / 7P
WR-MJ Modular Jack Tab Down
001.001
615006143621 WURTH-615006143621 Datasheet
603Kb / 7P
WR-MJ Modular Jack Tab Down
001.002
615008137121 WURTH-615008137121 Datasheet
863Kb / 7P
WR-MJ Modular Jack Tab Down
001.001
615008143721 WURTH-615008143721 Datasheet
605Kb / 7P
WR-MJ Modular Jack Tab Down
001.001
634008137221 WURTH-634008137221 Datasheet
649Kb / 7P
WR-MJ Modular Jack Tab Down
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com