Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1341133 Datasheet (PDF) - PHOENIX CONTACT

1341133 Datasheet PDF - PHOENIX CONTACT
Part # 1341133
Download  1341133 Download
File Size   386.28 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31H 2,2/ 3-PT-3,81-Y - Feed-through plug

1341133 Datasheet (PDF)

Go To PDF Page Download Datasheet
1341133 Datasheet PDF - PHOENIX CONTACT

Part # 1341133
Download  1341133 Click to download

File Size   386.28 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31H 2,2/ 3-PT-3,81-Y - Feed-through plug

1341133 Datasheet (HTML) - PHOENIX CONTACT


1341133 Product details

Feed-through connector, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact
connection type: Pin, number of rows: 1, number of positions: 3, product range: D31H 2,2/..-PT,
pitch: 3.81 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °,
locking clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking,
mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1341133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1341130 PHOENIX-1341130 Datasheet
318Kb / 8P
D31H 2,2/ 6-V-3,81-Y - PCB header
1341131 PHOENIX-1341131 Datasheet
317Kb / 8P
D31H 2,2/ 8-V-3,81-Y - PCB header
1341132 PHOENIX-1341132 Datasheet
316Kb / 8P
D31H 2,2/10-V-3,81-Y - PCB header
1341134 PHOENIX-1341134 Datasheet
386Kb / 11P
D31H 2,2/ 4-PT-3,81-Y - Feed-through plug
1341136 PHOENIX-1341136 Datasheet
386Kb / 11P
D31H 2,2/ 5-PT-3,81-Y - Feed-through plug
More results


Similar Description - 1341133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340378 PHOENIX-1340378 Datasheet
385Kb / 11P
D31H 2,2/ 5-PT-3,81-X - Feed-through plug
1340383 PHOENIX-1340383 Datasheet
383Kb / 11P
D31H 2,2/10-PT-3,81-X - Feed-through plug
1341139 PHOENIX-1341139 Datasheet
383Kb / 11P
D31H 2,2/10-PT-3,81-Y - Feed-through plug
1340376 PHOENIX-1340376 Datasheet
386Kb / 11P
D31H 2,2/ 3-PT-3,81-X - Feed-through plug
1340377 PHOENIX-1340377 Datasheet
386Kb / 11P
D31H 2,2/ 4-PT-3,81-X - Feed-through plug
1341136 PHOENIX-1341136 Datasheet
386Kb / 11P
D31H 2,2/ 5-PT-3,81-Y - Feed-through plug
1341138 PHOENIX-1341138 Datasheet
372Kb / 10P
D31H 2,2/ 3-FH-3,81-Y - PCB connector
1341134 PHOENIX-1341134 Datasheet
386Kb / 11P
D31H 2,2/ 4-PT-3,81-Y - Feed-through plug
1341137 PHOENIX-1341137 Datasheet
384Kb / 11P
D31H 2,2/ 8-PT-3,81-Y - Feed-through plug
1378294 PHOENIX-1378294 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-Y - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com