Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP3485EEN Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SP3485EEN Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SP3485EEN
Download  SP3485EEN Download
File Size   1567.03 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver

SP3485EEN Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3485EEN Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SP3485EEN
Download  SP3485EEN Click to download

File Size   1567.03 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver

SP3485EEN Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SP3485EEN Product details

Features:
3.3V power supply, half-duplex;
1/8 unit load allows up to 256 devices on the bus;
Driver output short-circuit protection function;
Over temperature protection function;
Low power shutdown function;
Receiver open circuit protection function;
Strong anti-noise ability;
Integrated transient voltage resistance function;
Transmission rate up to 12Mbps in an electrical noise environment;

Description
The SP3485E is a 3.3V powered, half-duplex, low-power RS-485 transceiver that fully meets the
requirements of the TIA/EIA-485 standard.
The SP3485E includes a driver and a receiver, both of which can be independently enabled and
disabled. When both are disabled, both the driver and the receiver output a high impedance state. The
SP3485E has a 1/8 load that allows 256 SP3485E transceivers to be connected to the same
communication bus. Error-free data transfer of up to 12Mbps is possible.
The SP3485E operates from a voltage range of 3.0 to 3.6V and features fail-safe, over
temperature protection, current limit protection, over-voltage protection, and other functions.




Similar Part No. - SP3485EEN

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SP3485EEN TECHPUBLIC-SP3485EEN Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Similar Description - SP3485EEN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM485ESA LEIDITECH-LM485ESA Datasheet
4Mb / 10P
5V power supply, half-duplex, with 짹15KVESD protection, 500kbps transmission rate, 256-node RS485/RS422 transceiver
LM3085ESA LEIDITECH-LM3085ESA Datasheet
7Mb / 12P
5V power supply half-duplex, with 짹16KV ESD protection, 1Mbps communication rate, 256-node RS485/RS422 transceiver
logo
Guangdong Youtai Semico...
MAX3485E UMW-MAX3485E Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
UN Semiconducctor INC
UN3088ES UNSEMI-UN3088ES Datasheet
4Mb / 11P
3.3~5.5V Supply,16Mbps,Half-duplex, RS485/RS422 Transceiver
Revision March 1,2022
UN3485 UNSEMI-UN3485 Datasheet
5Mb / 12P
3.3V Supply,Up to 256 nodes 12Mbps,Half-duplex RS485/RS422 Transceiver
Revision March 1,2022
UN3485ES UNSEMI-UN3485ES Datasheet
4Mb / 11P
3.3V Supply,Up to 256 nodes,16Mbps, Half-duplex,RS485/RS422 Transceiver
Revision March 1,2022
UN485E UNSEMI-UN485E Datasheet
4Mb / 10P
±16kV ESD Protected 1Mbps, Half-duplex ,RS485/RS422 Transceiver
Revision March 1,2022
UN485ES UNSEMI-UN485ES Datasheet
4Mb / 10P
±16kV ESD Protected 16Mbps, Half-duplex ,RS485/RS422 Transceiver
Revision March 1,2022
logo
Guangdong Youtai Semico...
ST3485EBDR UMW-ST3485EBDR Datasheet
1Mb / 12P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
ADM3485EARZ UMW-ADM3485EARZ Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com