Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1340632 Datasheet (PDF) - PHOENIX CONTACT

1340632 Datasheet PDF - PHOENIX CONTACT
Part # 1340632
Download  1340632 Download
File Size   392.11 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31H 2,2/ 8-PT-3,81-X - Feed-through plug

1340632 Datasheet (PDF)

Go To PDF Page Download Datasheet
1340632 Datasheet PDF - PHOENIX CONTACT

Part # 1340632
Download  1340632 Click to download

File Size   392.11 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31H 2,2/ 8-PT-3,81-X - Feed-through plug

1340632 Datasheet (HTML) - PHOENIX CONTACT


1340632 Product details

Feed-through connector, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact
connection type: Pin, number of rows: 2, number of positions: 8, product range: DD31H 2,2/..-
PT, pitch: 3.81 mm, connection method: Crimp connection, conductor/PCB connection direction:
0 °, pin layout: Linear pinning, locking clip: - without locking clip, plug-in system: CONNEXIS DD,
locking: Snap-in locking, mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Contacts arranged in a double row enable high packing density in a compact area
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1340632

ManufacturerPart #DatasheetDescription
logo
Heyco.
13406 HEYCO-13406 Datasheet
114Kb / 1P
Heyco® PG and Metric Threaded Plugs
logo
PHOENIX CONTACT
1340606 PHOENIX-1340606 Datasheet
322Kb / 8P
DD31H 2,2/ 8-V-3,81-X - PCB header
1340611 PHOENIX-1340611 Datasheet
322Kb / 8P
DD31H 2,2/12-V-3,81-X - PCB header
1340615 PHOENIX-1340615 Datasheet
322Kb / 8P
DD31H 2,2/10-V-3,81-X - PCB header
1340620 PHOENIX-1340620 Datasheet
322Kb / 8P
DD31H 2,2/14-V-3,81-X - PCB header
More results


Similar Description - 1340632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340378 PHOENIX-1340378 Datasheet
385Kb / 11P
D31H 2,2/ 5-PT-3,81-X - Feed-through plug
1340383 PHOENIX-1340383 Datasheet
383Kb / 11P
D31H 2,2/10-PT-3,81-X - Feed-through plug
1340629 PHOENIX-1340629 Datasheet
392Kb / 11P
DD31H 2,2/ 6-PT-3,81-X - Feed-through plug
1340376 PHOENIX-1340376 Datasheet
386Kb / 11P
D31H 2,2/ 3-PT-3,81-X - Feed-through plug
1340377 PHOENIX-1340377 Datasheet
386Kb / 11P
D31H 2,2/ 4-PT-3,81-X - Feed-through plug
1340678 PHOENIX-1340678 Datasheet
390Kb / 11P
DD31H 2,2/16-PT-3,81-X - Feed-through plug
1340666 PHOENIX-1340666 Datasheet
391Kb / 11P
DD31H 2,2/12-PT-3,81-X - Feed-through plug
1340706 PHOENIX-1340706 Datasheet
388Kb / 11P
DD31H 2,2/20-PT-3,81-X - Feed-through plug
1340662 PHOENIX-1340662 Datasheet
391Kb / 11P
DD31H 2,2/10-PT-3,81-X - Feed-through plug
1341137 PHOENIX-1341137 Datasheet
384Kb / 11P
D31H 2,2/ 8-PT-3,81-Y - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com