Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AO3400A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AO3400A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AO3400A
Download  AO3400A Download
File Size   1538.22 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel Enhancement Mode

AO3400A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3400A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AO3400A
Download  AO3400A Click to download

File Size   1538.22 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel Enhancement Mode

AO3400A Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AO3400A Product details

Features
VDS (V) = 30V
ID = 5.8 A (VGS = 10V)
RDS(ON) < 28m (VGS = 10V)
RDS(ON) < 33m (VGS = 4.5V)
RDS(ON) < 52m (VGS = 2.5V)




Similar Part No. - AO3400A

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO3400A ALPHA-AO3400A Datasheet
279Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3400A AOSMD-AO3400A Datasheet
476Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3400A KEXIN-AO3400A Datasheet
1Mb / 4P
N-Channel enhancement mode field effect transistor
logo
Kersemi Electronic Co.,...
AO3400A KERSEMI-AO3400A Datasheet
753Kb / 5P
30V N-Channel MOSFET
logo
Shanghai Leiditech Elec...
AO3400A LEIDITECH-AO3400A Datasheet
914Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - AO3400A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com