Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AO4466 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AO4466 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AO4466
Download  AO4466 Download
File Size   429.63 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel MOSFET

AO4466 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4466 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AO4466
Download  AO4466 Click to download

File Size   429.63 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel MOSFET

AO4466 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AO4466 Product details

Product Summary
VDS (V) = 30V
ID =10A
RDS(ON) < 18mW (VGS = 10V)
RDS(ON) < 25mW (VGS = 4.5V)




Similar Part No. - AO4466

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4466 AOSMD-AO4466 Datasheet
127Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO4466 AOSMD-AO4466 Datasheet
411Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4466 WHXPCB-AO4466 Datasheet
2Mb / 6P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4466 KEXIN-AO4466 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4466 VBSEMI-AO4466 Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
More results


Similar Description - AO4466

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com