Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AOD407 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AOD407 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AOD407
Download  AOD407 Download
File Size   507.24 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description P-Channel -60 V (D-S) MOSFET

AOD407 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD407 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AOD407
Download  AOD407 Click to download

File Size   507.24 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description P-Channel -60 V (D-S) MOSFET

AOD407 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AOD407 Product details

Features
VDS (V) = -60V
ID = -12A (VGS = -10V)
RDS(ON) < 115mΩ (VGS = -10V)
RDS(ON) < 150mΩ (VGS = -4.5V)




Similar Part No. - AOD407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD407 AOSMD-AOD407 Datasheet
131Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
AOD407 AOSMD-AOD407 Datasheet
159Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
AOD407 AOSMD-AOD407 Datasheet
2Mb / 6P
P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AOD407 VBSEMI-AOD407 Datasheet
988Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD407 ISC-AOD407 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - AOD407

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com