Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1376629 Datasheet (PDF) - PHOENIX CONTACT

1376629 Datasheet PDF - PHOENIX CONTACT
Part # 1376629
Download  1376629 Download
File Size   705.06 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD32PC 2,2/10-5,08-XX - PCB connector

1376629 Datasheet (PDF)

Go To PDF Page Download Datasheet
1376629 Datasheet PDF - PHOENIX CONTACT

Part # 1376629
Download  1376629 Click to download

File Size   705.06 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD32PC 2,2/10-5,08-XX - PCB connector

1376629 Datasheet (HTML) - PHOENIX CONTACT


1376629 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact connection
type: Socket, number of rows: 2, number of positions: 10, product range: DD32PC 2,2/, pitch: 5.
08 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snap-in locking, mounting:
Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Contacts arranged in a double row enable high packing density in a compact area
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1376629

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376625 PHOENIX-1376625 Datasheet
700Kb / 12P
DD32PC 2,2/ 4-5,08-XX - PCB connector
1376626 PHOENIX-1376626 Datasheet
738Kb / 13P
DD32PC 2,2/ 6-5,08-XX - PCB connector
1376627 PHOENIX-1376627 Datasheet
706Kb / 12P
DD32PC 2,2/ 8-5,08-XX - PCB connector
More results


Similar Description - 1376629

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376625 PHOENIX-1376625 Datasheet
700Kb / 12P
DD32PC 2,2/ 4-5,08-XX - PCB connector
1378302 PHOENIX-1378302 Datasheet
737Kb / 13P
DD32PC 2,2/ 6-5,08-YY - PCB connector
1376626 PHOENIX-1376626 Datasheet
738Kb / 13P
DD32PC 2,2/ 6-5,08-XX - PCB connector
1376627 PHOENIX-1376627 Datasheet
706Kb / 12P
DD32PC 2,2/ 8-5,08-XX - PCB connector
1378304 PHOENIX-1378304 Datasheet
737Kb / 13P
DD32PC 2,2/12-5,08-YY - PCB connector
1376633 PHOENIX-1376633 Datasheet
716Kb / 13P
DD32PC 2,2/20-5,08-XX - PCB connector
1378235 PHOENIX-1378235 Datasheet
705Kb / 12P
DD32PC 2,2/10-5,08-XY - PCB connector
1378303 PHOENIX-1378303 Datasheet
705Kb / 12P
DD32PC 2,2/10-5,08-YY - PCB connector
1376630 PHOENIX-1376630 Datasheet
737Kb / 13P
DD32PC 2,2/12-5,08-XX - PCB connector
1376632 PHOENIX-1376632 Datasheet
701Kb / 12P
DD32PC 2,2/16-5,08-XX - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com