Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV199 Datasheet (PDF) - RFE international

BAV199 Datasheet PDF - RFE international
Part # BAV199
Download  BAV199 Download
File Size   1717.14 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Small-Signal Fast Switching Diodes

BAV199 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV199 Datasheet PDF - RFE international

Part # BAV199
Download  BAV199 Click to download

File Size   1717.14 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Small-Signal Fast Switching Diodes

BAV199 Datasheet (HTML) - RFE international


BAV199 Product details

Features
VR 100V
Ifav single diode loaded 215mA
double diode loaded 125mA




Similar Part No. - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
logo
Infineon Technologies A...
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
More results


Similar Description - BAV199

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
Small Signal Fast Switching Diodes
29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
Small Signal Fast Switching Diodes
01-Sep-10
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
Small Signal Fast Switching Diodes
01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
Small Signal Fast Switching Diodes
06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
Small Signal Fast Switching Diodes
24-Feb-2020
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
Small Signal Fast Switching Diodes
24-Feb-2020
MCL4148 VISHAY-MCL4148_V01 Datasheet
91Kb / 4P
Small Signal Fast Switching Diodes
25-Feb-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com