Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OT11FEC Datasheet (PDF) - EMP-Centauri s.r.o.

OT11FEC Datasheet PDF - EMP-Centauri s.r.o.
Part # OT11FEC
Download  OT11FEC Download
File Size   208.91 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Optical transmitter 1in / 1out

OT11FEC Datasheet (PDF)

Go To PDF Page Download Datasheet
OT11FEC Datasheet PDF - EMP-Centauri s.r.o.

Part # OT11FEC
Download  OT11FEC Click to download

File Size   208.91 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Optical transmitter 1in / 1out

OT11FEC Datasheet (HTML) - EMP-Centauri s.r.o.


OT11FEC Product details

Brief description
OT1 / 1FEC is a converter of terrestrial and
satellite TV and radio RF electrical signals for
transmission via optical fiber (optical
transmitter).
Power supply is possible via a DC connector.
The transmitter is intended for use with
single-mode optical fiber (“Singlemode”).
When connecting the optical transmitter and
optical receiver directly over a shorter
distance without optical attenuation (eg an
optical splitter), we recommend inserting at
least 3 dB SC/APC optical attenuation
between them.




Similar Part No. - OT11FEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OT11 ETC2-OT11 Datasheet
87Kb / 1P
8 and 11 Pin Octal Sockets, DIN Rail Mountable
OT11-PC ETC2-OT11-PC Datasheet
87Kb / 1P
8 and 11 Pin Octal Sockets, DIN Rail Mountable
logo
Littelfuse
OT11PC LITTELFUSE-OT11PC Datasheet
210Kb / 1P
SOCKETS
2016
More results


Similar Description - OT11FEC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS2-16D FUJI-EDS2-16D Datasheet
253Kb / 4P
OPTICAL THERMOCOUPLE TEMPERATURE TRANSMITTER
EDS2-17 FUJI-EDS2-17 Datasheet
116Kb / 8P
OPTICAL TEMPERATURE TRANSMITTER
EDS5-54A FUJI-EDS5-54A Datasheet
194Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER
EDS5-56A FUJI-EDS5-56A Datasheet
157Kb / 6P
OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS5-87 FUJI-EDS5-87 Datasheet
132Kb / 8P
OPTICAL PRESSURE TRANSMITTER
EDS5-88 FUJI-EDS5-88 Datasheet
123Kb / 8P
OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS6-77B FUJI-EDS6-77B Datasheet
247Kb / 8P
OPTICAL DIFFERENTIAL PRESSURE/ FLOW TRANSMITTER
EDS7-63 FUJI-EDS7-63 Datasheet
108Kb / 8P
OPTICAL LEVEL TRANSMITTER
logo
OPLINK Communications I...
S0241-TRPV3GET2C000E2G OPLINK-S0241-TRPV3GET2C000E2G Datasheet
296Kb / 5P
1310nm Dual Channel Optical Transmitter
TRPV3GET2C000E2G OPLINK-TRPV3GET2C000E2G Datasheet
296Kb / 5P
1310nm Dual Channel Optical Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com