Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1552010 Datasheet (PDF) - PHOENIX CONTACT

1552010 Datasheet PDF - PHOENIX CONTACT
Part # 1552010
Download  1552010 Download
File Size   546.18 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8MS-M 8FS SH/.../... - Sensor/actuator cable

1552010 Datasheet (PDF)

Go To PDF Page Download Datasheet
1552010 Datasheet PDF - PHOENIX CONTACT

Part # 1552010
Download  1552010 Click to download

File Size   546.18 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8MS-M 8FS SH/.../... - Sensor/actuator cable

1552010 Datasheet (HTML) - PHOENIX CONTACT


1552010 Product details

Sensor/actuator cable, 6-position, Plug straight M8, coding: A, on Socket straight M8, cable
length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1552010

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
15520122601000 HARTING-15520122601000 Datasheet
699Kb / 3P
har-flex Power M str 12P SMT PL1 280pc
15520122601333 HARTING-15520122601333 Datasheet
699Kb / 3P
har-flex Power M str 12P SMT PL1 Sample
15520122701000 HARTING-15520122701000 Datasheet
685Kb / 3P
har-flex Power M str 12P THR PL1 200pc
15520122701333 HARTING-15520122701333 Datasheet
685Kb / 3P
har-flex Power M str 12P THR PL1 Sample
More results


Similar Description - 1552010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404705 PHOENIX-1404705 Datasheet
121Kb / 6P
Sensor/Actuator cable - SAC-3P-M 8MS/0,6-PVC/M 8FS BL 1404705
1404706 PHOENIX-1404706 Datasheet
121Kb / 6P
Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
1404721 PHOENIX-1404721 Datasheet
127Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MS/0,6-PVC/M 8FS BL- 1404721
1404722 PHOENIX-1404722 Datasheet
126Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MS/1,0-PVC/M 8FS B-L - 1404722
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1562495 PHOENIX-1562495 Datasheet
106Kb / 5P
Sensor/actuator cable - SAC-4P-M 8MS/0,15-PUR/M 8FS
12/06/2018
1696978 PHOENIX-1696978 Datasheet
102Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8FS
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com