Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HSDL-3220 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-3220 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-3220
Download  HSDL-3220 Download
File Size   192.37 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver

HSDL-3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3220 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-3220
Download  HSDL-3220 Click to download

File Size   192.37 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver

HSDL-3220 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-3220 Product details

Description
The HSDL-3220 is a new generation low profile high speed infrared transceiver module that provides interface between logic and IR signals for through-air, serial, half-duplex IR data-link. The module is fully compliant to IrDA Physical Layer specification version 1.4 low power from 9.6kbit/s to 4.0 Mbit/s (FIR) and is IEC825-Class 1 Eye Safe.

Features
• Fully compliant to IrDA 1.4 physical layer low power specification from 9.6 kbit/s to 4.0 Mbit/s (FIR)
• Miniature package
    – Height: 2.5 mm
    – Width: 8.0 mm
    – Depth: 3.0 mm
• Typical link distance > 50 cm
• Guaranteed temperature performance, -25° to 70°C
• Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
    – Low shutdown current
    – Complete shutdown of TXD, RXD, and PIN diode
• Excellent EMI performance
• Vcc supply 2.7 to 3.6 Volts
• Interfacing with I/O logic circuits as low as 1.8 V
• Lead-free package
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic windows
• IEC 825-class 1 eye safe
• Lead-free and RoHS Compliant

Applications
• Mobile telecom
    – Mobile phones
    – Smart phones
    – Pagers
• Data communication
    – Pocket PC handheld products
    – Personal digital assistants
    – Portable printers
• Digital imaging
    – Digital cameras
    – Photo-imaging printers
• Electronic wallet
• Small industrial & medical instrumentation
    – General data collection devices
    – Patient & pharmaceutical data collection devices




Similar Part No. - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-001 AVAGO-HSDL-3220-001 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-021 AVAGO-HSDL-3220-021 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results


Similar Description - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com