Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

7111W Datasheet (PDF) - Belden Inc.

7111W Datasheet PDF - Belden Inc.
Part # 7111W
Download  7111W Download
File Size   152.14 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 31G C #18 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7111W Datasheet (PDF)

Go To PDF Page Download Datasheet
7111W Datasheet PDF - Belden Inc.

Part # 7111W
Download  7111W Click to download

File Size   152.14 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 31G C #18 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7111W Datasheet (HTML) - Belden Inc.


7111W Product details

Product Description
MachFlex™ for High Flex, 3+1G Conductor 18AWG (105x38) Bare Copper, PVC-NYL Insulation, TPE Outer Jacket, 1000V WTTC, 600V TC-ER




Similar Part No. - 7111W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7111WS BELDEN-7111WS Datasheet
155Kb / 3P
MachFlex™, 31G C #18 Str BC, PVC-NYL Ins, TPE Jkt, TPE Jkt, 1000V WTTC, 600V TC-ER
01-10-2024
7111WS0031000 BELDEN-7111WS0031000 Datasheet
155Kb / 3P
MachFlex™, 31G C #18 Str BC, PVC-NYL Ins, TPE Jkt, TPE Jkt, 1000V WTTC, 600V TC-ER
01-10-2024
7111WS0035000 BELDEN-7111WS0035000 Datasheet
155Kb / 3P
MachFlex™, 31G C #18 Str BC, PVC-NYL Ins, TPE Jkt, TPE Jkt, 1000V WTTC, 600V TC-ER
01-10-2024
More results


Similar Description - 7111W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7900A BELDEN-7900A Datasheet
169Kb / 3P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPO Ins, PVC Jkt, 600V TC-ER
05-05-2023
28156AX BELDEN-28156AX Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03024R BELDEN-A03024R Datasheet
140Kb / 2P
TC VN/PVC, 3 C #2 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
A03162R BELDEN-A03162R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03182R BELDEN-A03182R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A0318KR BELDEN-A0318KR Datasheet
140Kb / 2P
TC VN/PVC, 3 C #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03044R BELDEN-A03044R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03122R BELDEN-A03122R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
A03142Q BELDEN-A03142Q Datasheet
141Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com